Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV244A Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LV244A
Description  Octal Buffers and Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV244A Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV244A_15 Datasheet HTML 2Page - Texas Instruments SN74LV244A_15 Datasheet HTML 3Page - Texas Instruments SN74LV244A_15 Datasheet HTML 4Page - Texas Instruments SN74LV244A_15 Datasheet HTML 5Page - Texas Instruments SN74LV244A_15 Datasheet HTML 6Page - Texas Instruments SN74LV244A_15 Datasheet HTML 7Page - Texas Instruments SN74LV244A_15 Datasheet HTML 8Page - Texas Instruments SN74LV244A_15 Datasheet HTML 9Page - Texas Instruments SN74LV244A_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SN74LV244A
SCLS383N – SEPTEMBER 1997 – REVISED OCTOBER 2015
www.ti.com
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
2 V to
IOH = –50 µA
TA = –40°C to 125°C
VCC – 0.1
5.5 V
IOH = –2 mA
TA = –40°C to 125°C
2.3 V
2
VOH
V
IOH = –8 mA
TA = –40°C to 125°C
3 V
2.48
IOH = 16 mA
TA = –40°C to 125°C
4.5 V
3.8
2 V to
IOL = 50 µA
TA = –40°C to 125°C
0.1
5.5 V
IOL = 2 mA
TA = –40°C to 125°C
2.3 V
0.4
VOL
V
IOL = 8 mA
TA = –40°C to 125°C
3 V
0.44
IOL = 16 mA
TA = –40°C to 125°C
4.5 V
0.55
II
VI = 5.5 V or GND
TA = –40°C to 125°C
0 to 5.5 V
±1
µA
IOZ
VO = VCC or GND
TA = –40°C to 125°C
5.5 V
±5
µA
VI = VCC or GND, IO =
ICC
TA = –40°C to 125°C
5.5 V
20
µA
0
Ioff
VI or VO = 0 to 5.5 V
TA = –40°C to 125°C
0
5
µA
Ci
VI = VCC or GND
TA = –40°C to 125°C
3.3 V
2.3
pF
6.6 Noise Characteristics
VCC = 3.3 V, CL = 50 pF, TA = 25°C
(1)
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic
0.55
V
VOL(V)
Quiet output, minimum dynamic
–0.5
V
VOH(V)
Quiet output, minimum dynamic
2.9
V
VIH(D)
High-level dynamic input voltage
2.31
V
VIL(D)
Low-level dynamic input voltage
0.99
V
(1)
Characteristics are for surface-mount packages only.
6.7 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
3.3 V
14
Cpd
Power dissipation capacitance
CL = 50 pF, f = 10 MHz
pF
5 V
16
6.8 Switching Characteristics: VCC = 2.5 V ± 0.2 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
FROM
TO
LOAD
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
TA = 25°C
7.5(1)
12.5(1)
tpd
A
Y
CL = 15 pF
ns
TA = –40°C to 125°C
1
15
TA = 25°C
8.9(1)
14.6(1)
ten
OE
Y
CL = 15 pF
ns
TA = –40°C to 125°C
1
17
TA = 25°C
9.1(1)
14.1(1)
tdis
OE
Y
CL = 15 pF
ns
TA = –40°C to 125°C
1
16
TA = 25°C
9.5(1)
15.3
tpd
A
Y
CL = 50 pF
ns
TA = –40°C to 125°C
1
18
TA = 25°C
10.8
17.8
ten
OE
Y
CL = 50 pF
ns
TA = –40°C to 125°C
1
21
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
6
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: SN74LV244A


Similar Part No. - SN74LV244A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV244A-EP TI1-SN74LV244A-EP Datasheet
510Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LV244A-EP TI-SN74LV244A-EP Datasheet
1Mb / 27P
[Old version datasheet]   SN74LV244A-Q1 Automotive Octal Buffers and Drivers With 3-State Outputs
REVISED SEPTEMBER 2022
SN74LV244A-EP TI-SN74LV244A-EP Datasheet
2Mb / 40P
[Old version datasheet]   SN74LV244A Octal Buffers and Drivers With 3-State Outputs
REVISED DECEMBER 2022
SN74LV244A-EP TI-SN74LV244A-EP Datasheet
2Mb / 44P
[Old version datasheet]   SN74LV244A Octal Buffers and Drivers With 3-State Outputs
REVISED DECEMBER 2022
SN74LV244A-EP TI1-SN74LV244A-EP Datasheet
2Mb / 42P
[Old version datasheet]   SN74LV244A Octal Buffers and Drivers With 3-State Outputs
REVISED JANUARY 2023
More results

Similar Description - SN74LV244A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVCH244A TI-SN54LVCH244A_07 Datasheet
665Kb / 23P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS OCTAL BUFFERS/DRIVERS
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54ALS244C TI1-SN54ALS244C_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI1-SN54HC240_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI-SN54HC240_07 Datasheet
682Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC240 UTC-U74HC240_17 Datasheet
254Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
U74HC541 UTC-U74HC541_17 Datasheet
258Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com