Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AVCH4T245PWTE4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # 74AVCH4T245PWTE4
Description  4-Bit Dual-Supply Bus Transceiver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AVCH4T245PWTE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74AVCH4T245PWTE4 Datasheet HTML 3Page - Texas Instruments 74AVCH4T245PWTE4 Datasheet HTML 4Page - Texas Instruments 74AVCH4T245PWTE4 Datasheet HTML 5Page - Texas Instruments 74AVCH4T245PWTE4 Datasheet HTML 6Page - Texas Instruments 74AVCH4T245PWTE4 Datasheet HTML 7Page - Texas Instruments 74AVCH4T245PWTE4 Datasheet HTML 8Page - Texas Instruments 74AVCH4T245PWTE4 Datasheet HTML 9Page - Texas Instruments 74AVCH4T245PWTE4 Datasheet HTML 10Page - Texas Instruments 74AVCH4T245PWTE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
SN74AVCH4T245
www.ti.com
SCES577E – JUNE 2004 – REVISED NOVEMBER 2015
7.5 Electrical Characteristics
All typical limits apply over TA = 25°C, and all maximum and minimum limits apply over TA = –40°C to 85°C (unless otherwise
noted).
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –100 μA; VCCA = 1.2 V to 3.6 V; VCCB = 1.2 V to 3.6
VCCO – 0.2
V; VI = VIH
IOH = –3 mA; VCCA = 1.2 V; VCCB = 1.2 V; VI = VIH
0.95
IOH = –6 mA; VCCA = 1.4 V; VCCB = 1.4 V; VI = VIH
1.05
VOH
V
IOH = –8 mA; VCCA = 1.65 V; VCCB = 1.65 V; VI = VIH
1.2
IOH = –9 mA; VCCA = 2.3 V; VCCB = 2.3 V; VI = VIH
1.75
IOH = –12 mA; VCCA = 3 V; VCCB = 3 V; VI = VIH
2.3
IOL = 100 μA; VCCA = 1.2 V to 3.6 V; VCCB = 1.2 V to 3.6 V;
0.2
VI = VIL
IOL = 3 mA; VCCA = 1.2 V; VCCB = 1.2 V; VI = VIL
0.15
IOL = 6 mA; VCCA = 1.4 V; VCCB = 1.4 V; VI = VIL
0.35
VOL
V
IOL = 8 mA; VCCA = 1.65 V; VCCB = 1.65 V; VI = VIL
0.45
IOL = 9 mA; VCCA = 2.3 V; VCCB = 2.3 V; VI = VIL
0.55
IOL = 12 mA; VCCA = 3 V; VCCB = 3 V; VI = VIL
0.7
TA = 25°C
±0.025
±0.25
VI = VCCA or GND; VCCA = 1.2 V to 3.6
II
DIR input
μA
TA = –40°C to
V; VCCB = 1.2 V to 3.6 V
±1
85°C
VI = 0.42 V; VCCA = 1.2 V; VCCB = 1.2 V
25
VI = 0.49 V; VCCA = 1.4 V; VCCB = 1.4 V
15
IBHL
(3)
VI = 0.58 V; VCCA = 1.65 V; VCCB = 1.65 V
25
μA
VI = 0.7 V; VCCA = 2.3 V; VCCB = 2.3 V
45
VI = 0.8 V; VCCA = 3.3 V; VCCB = 3.3 V
100
VI = 0.78 V; VCCA = 1.2 V; VCCB = 1.2 V
–25
VI = 0.91 V; VCCA = 1.4 V; VCCB = 1.4 V
–15
IBHH
(4)
VI = 1.07 V; VCCA = 1.65 V; VCCB = 1.65 V
–25
μA
VI = 1.6 V; VCCA = 2.3 V; VCCB = 2.3 V
–45
VI = 2 V; VCCA = 3.3 V; VCCB = 3.3 V
–100
VCCA = 1.2 V;
50
VCCB = 1.2 V
VCCA = 1.6 V;
125
VCCB = 1.6 V
VCCA = 1.95 V;
IBHLO
(5)
VI = 0 to VCCI
200
µA
VCCB = 1.95 V
VCCA = 2.7 V;
300
VCCB = 2.7 V
VCCA = 3.6 V;
500
VCCB = 3.6 V
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
(3)
The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND
and then raising it to VIL max.
(4)
The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to
VCC and then lowering it to VIH min.
(5)
An external driver must source at least IBHLO to switch this node from low to high.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74AVCH4T245


Similar Part No. - 74AVCH4T245PWTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AVCH4T245PWTE4 TI-74AVCH4T245PWTE4 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH4T245PWTE4 TI-74AVCH4T245PWTE4 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH4T245PWTE4 TI-74AVCH4T245PWTE4 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH4T245PWTE4 TI-74AVCH4T245PWTE4 Datasheet
650Kb / 20P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH4T245PWTE4 TI1-74AVCH4T245PWTE4 Datasheet
1Mb / 38P
[Old version datasheet]   4-Bit Dual-Supply Bus Transceiver With Configurable Level-Shifting, Voltage Translation, and 3-State Outputs
More results

Similar Description - 74AVCH4T245PWTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC32T245 TI1-SN74AVC32T245_15 Datasheet
1Mb / 29P
[Old version datasheet]   32-Bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com