Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEF20570 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PEF20570
Description  DSP Embedded Line and Port Interface Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF20570 Datasheet(HTML) 2 Page - Infineon Technologies AG

  PEF20570 Datasheet HTML 1Page - Infineon Technologies AG PEF20570 Datasheet HTML 2Page - Infineon Technologies AG PEF20570 Datasheet HTML 3Page - Infineon Technologies AG PEF20570 Datasheet HTML 4Page - Infineon Technologies AG PEF20570 Datasheet HTML 5Page - Infineon Technologies AG PEF20570 Datasheet HTML 6Page - Infineon Technologies AG PEF20570 Datasheet HTML 7Page - Infineon Technologies AG PEF20570 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PEB 20570/PEF 20570
PEB 20571/PEF 20571
Addendum to “DELIC Clock System Synchronization”
Addendum
2/8
2003-08-04
1.1
Clocking the VIP in LT-T Mode by DELIC Layer 1 Clock
Figure 1
Clocking the VIP by using DELIC Layer 1 Clock
When the Central Office is activated, its clock signal is retrieved by the RxPLL of the VIP
and a 1.536 MHz reference signal is generated and used as input signal for the DELIC
DCXO (pin XCLK). This signal is divided down to 8 kHz and used as input for the DCXO
phase detector (PD). The second input to PD is another 8 kHz signal which originates
from the 16.384 MHz output of the DCXO.
The DELIC PLL multiplies the 16.384 MHz DCXO signal up to 61.44 MHz. A divider
generates the 15.36 MHz layer 1 clock which is used to clock the VIP.
When the Central Office is deactivated, the VIP takes its oscillator signal of 15.36 MHz
(the DELIC Layer 1 clock) divided by 10 and uses this signal as DELIC XCLK input as
replacement of the Central Office clock.
As a consequence, the DELIC DCXO gets its own signal as input for the PD. Since the
second PD input is also generated by the DCXO, the PLL system is unstable. This
results in the DCXO and the PLL running to its respective corner frequency. Therefore,
the 100 ppm clock accuracy, required by ITU-T I.430, cannot be guaranteed during this
time. When switching to another clock source (REFCLK), the DELIC DCXO will work
properly again.
DE LIC _refclk1
VIP
C entra l
Offic e
OS C
Rx P L L
DC X O
/1 0
Mu x
15.3 6 M H z
16.384 M H z
Divid e r
PD
PL L
D iv ider
1.5 36 M H z
D ivider
8k H z
XC L K
RE FCL K
16.384 M H z
DE LIC
L1 _C LK
IN C L K
MU X
RE F C L K


Similar Part No. - PEF20570

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF20525 INFINEON-PEF20525 Datasheet
3Mb / 252P
   2 Channel Serial Optimized Communication Controller for HDLC/PPP
Version 1.2 Sep. 2000
PEF20532 INFINEON-PEF20532 Datasheet
3Mb / 282P
   2 Channel Serial Optimized Communication Controller
Version 1.2 Sep. 2000
PEF20534 INFINEON-PEF20534 Datasheet
4Mb / 439P
   DMA Supported Serial Communication Controller with 4 Channels
Version 2.1 May 2000
logo
Siemens Semiconductor G...
PEF2054 SIEMENS-PEF2054 Datasheet
1Mb / 269P
   ICs for Communications
logo
Infineon Technologies A...
PEF20542 INFINEON-PEF20542 Datasheet
3Mb / 300P
   2 Channel Serial Optimized Communication Controller with DMA
Version 1.2 Sep. 2000
More results

Similar Description - PEF20570

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20571 INFINEON-PEB20571 Datasheet
4Mb / 308P
   DSP Embedded Line and Port Interface Controller
Version 3.1 July 2003
logo
Nuvoton Technology Corp...
WPC8769L NUVOTON-WPC8769L Datasheet
196Kb / 5P
   Mobile Embedded Controller with SPITM Flash Interface and MC-Compliant CIR Port
logo
Winbond
WPC8768L WINBOND-WPC8768L Datasheet
164Kb / 5P
   Mobile Embedded Controller with SPI??Flash Interface and MCE-Compliant CIR Port
logo
STMicroelectronics
STLC5460 STMICROELECTRONICS-STLC5460 Datasheet
377Kb / 54P
   LINE CARD INTERFACE CONTROLLER
logo
Texas Instruments
TMS320F240PQG4 TI-TMS320F240PQG4 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
SMJ320F240 TI-SMJ320F240 Datasheet
1Mb / 99P
[Old version datasheet]   DSP CONTROLLER
TMS320F240 TI-TMS320F240_05 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
SMJ320F240HFPM40 TI-SMJ320F240HFPM40 Datasheet
1Mb / 104P
[Old version datasheet]   DSP CONTROLLER
TMS320C242 TI-TMS320C242 Datasheet
803Kb / 66P
[Old version datasheet]   DSP CONTROLLER
TMS320F240 TI-TMS320F240_08 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com