Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AVCH2T45DCTTE4 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # 74AVCH2T45DCTTE4
Description  2-Supply, Bus Transceiver with Configurable Level-Shifting
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AVCH2T45DCTTE4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button 74AVCH2T45DCTTE4 Datasheet HTML 16Page - Texas Instruments 74AVCH2T45DCTTE4 Datasheet HTML 17Page - Texas Instruments 74AVCH2T45DCTTE4 Datasheet HTML 18Page - Texas Instruments 74AVCH2T45DCTTE4 Datasheet HTML 19Page - Texas Instruments 74AVCH2T45DCTTE4 Datasheet HTML 20Page - Texas Instruments 74AVCH2T45DCTTE4 Datasheet HTML 21Page - Texas Instruments 74AVCH2T45DCTTE4 Datasheet HTML 22Page - Texas Instruments 74AVCH2T45DCTTE4 Datasheet HTML 23Page - Texas Instruments 74AVCH2T45DCTTE4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
A1
A2
VCCA
B1
B2
DIR
VCCB
GND
VIA to GND Plane
B2
B1
A1
A2
C2
C1
D2
D1
SN74AVCH2T45
SCES582H – JULY 2004 – REVISED APRIL 2015
www.ti.com
11 Power Supply Recommendations
A proper power-up sequence always should be followed to avoid excessive supply current, bus contention,
oscillations, or other anomalies. To guard against such power-up problems, take the following precautions:
1. Connect ground before any supply voltage is applied.
2. Power up VCCA.
3. VCCB can be ramped up along with or after VCCA.
Table 4. Typical Total Static Power Consumption (ICCA + ICCB)
VCCA
VCCB
UNIT
0 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
0 V
0
< 0.5
< 0.5
< 0.5
< 0.5
< 0.5
1.2 V
< 0.5
< 1
< 1
< 1
< 1
1
1.5 V
< 0.5
< 1
< 1
< 1
< 1
1
μA
1.8 V
< 0.5
< 1
< 1
< 1
< 1
< 1
2.5 V
< 0.5
1
< 1
< 1
< 1
< 1
3.3 V
< 0.5
1
< 1
< 1
< 1
< 1
12 Layout
12.1 Layout Guidelines
To ensure reliability of the device, following common printed-circuit board layout guidelines is recommended.
Bypass capacitors should be used on power supplies. Place the capacitors as close as possible to the VCCA,
VCCB pin and GND pin.
Short trace lengths should be used to avoid excessive loading.
12.2 Layout Example
Figure 11. Layout Example for YZP Package
20
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74AVCH2T45


Similar Part No. - 74AVCH2T45DCTTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AVCH2T45DCTTE4 TI-74AVCH2T45DCTTE4 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH2T45DCTTE4 TI1-74AVCH2T45DCTTE4 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
More results

Similar Description - 74AVCH2T45DCTTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AXC2T45 TI1-SN74AXC2T45 Datasheet
291Kb / 26P
[Old version datasheet]   SN74AXC2T45 2-Bit Bus Transceiver with Configurable Level-Shifting
SN74LXC2T45 TI-SN74LXC2T45 Datasheet
1Mb / 32P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED OCTOBER 2021
SN74LXC1T45 TI-SN74LXC1T45_V01 Datasheet
2Mb / 37P
[Old version datasheet]   SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V01 Datasheet
1Mb / 36P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
OCTOBER 2021
SN74LXC1T45 TI-SN74LXC1T45 Datasheet
1Mb / 30P
[Old version datasheet]   SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V02 Datasheet
1Mb / 39P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
MAY 2022
logo
Pericom Semiconductor C...
PI74STX2G4245 PERICOM-PI74STX2G4245 Datasheet
443Kb / 8P
   2-Bit Level Shifting Buffer/Transceiver with Configurable Dual Supply VoltageDIRB243A2B176
logo
Texas Instruments
SN74LXC2T45-Q1 TI-SN74LXC2T45-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   SN74LXC2T45-Q1 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
JANUARY 2022
SN74AXCH2T45 TI1-SN74AXCH2T45 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AXCH2T45 2-Bit Bus Transceiver with Configurable Level-Shifting and Bus-Hold Inputs
SN74AVCH2T45 TI1-SN74AVCH2T45_18 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com