Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AVCH2T45DCTRE4 Datasheet(PDF) 2 Page - Texas Instruments

Part No. 74AVCH2T45DCTRE4
Description  2-Supply, Bus Transceiver with Configurable Level-Shifting
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

74AVCH2T45DCTRE4 Datasheet(HTML) 2 Page - Texas Instruments

  74AVCH2T45DCTRE4 Datasheet HTML 1Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 2Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 3Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 4Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 5Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 6Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 7Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 8Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
SN74AVCH2T45
SCES582H – JULY 2004 – REVISED APRIL 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Parameter Measurement Information ................ 13
2
Applications ........................................................... 1
9
Detailed Description ............................................ 14
9.1
Overview ................................................................. 14
3
Description ............................................................. 1
9.2
Functional Block Diagram ....................................... 14
4
Revision History..................................................... 3
9.3
Feature Description................................................. 15
5
Description (Continued) ........................................ 4
9.4
Device Functional Modes........................................ 15
6
Pin Configurations and Functions ....................... 4
10
Application and Implementation........................ 16
7
Specifications......................................................... 5
10.1
Application Information.......................................... 16
7.1
Absolute Maximum Ratings ...................................... 5
10.2
Typical Applications .............................................. 16
7.2
ESD Ratings.............................................................. 5
11
Power Supply Recommendations ..................... 20
7.3
Recommended Operating Conditions ...................... 6
12
Layout................................................................... 20
7.4
Thermal Information .................................................. 7
12.1
Layout Guidelines ................................................. 20
7.5
Electrical Characteristics .......................................... 7
12.2
Layout Example .................................................... 20
7.6
Switching Characteristics: VCCA = 1.2 V ................... 8
13
Device and Documentation Support ................. 21
7.7
Switching Characteristics: VCCA = 1.5 V .................. 9
13.1
Documentation Support ....................................... 21
7.8
Switching Characteristics: VCCA = 1.8 V ................. 10
13.2
Trademarks ........................................................... 21
7.9
Switching Characteristics: VCCA = 2.5 V ................. 10
13.3
Electrostatic Discharge Caution ............................ 21
7.10
Switching Characteristics: VCCA = 3.3 V ............... 11
13.4
Glossary ................................................................ 21
7.11
Operating Characteristics...................................... 11
7.12
Typical Characteristics .......................................... 12
14
Mechanical, Packaging, and Orderable
Information ........................................................... 21
2
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74AVCH2T45


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn