Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AVCH2T45DCTRE4 Datasheet(PDF) 17 Page - Texas Instruments

Part No. 74AVCH2T45DCTRE4
Description  2-Supply, Bus Transceiver with Configurable Level-Shifting
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

74AVCH2T45DCTRE4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button 74AVCH2T45DCTRE4 Datasheet HTML 13Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 14Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 15Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 16Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 17Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 18Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 19Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 20Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
D002
Input
Output
SN74AVCH2T45
www.ti.com
SCES582H – JULY 2004 – REVISED APRIL 2015
Typical Applications (continued)
Table 2. SN74AVCH2T45 Pin Connections With SYSTEM-1 and SYSTEM-2
PIN
NAME
DESCRIPTION
1
VCCA
SYSTEM-1 supply voltage (1.2 V to 3.6 V)
2
A1
Output level depends on VCCA.
3
A2
Output level depends on VCCA.
4
GND
Device GND
5
DIR
The GND (low-level) determines B-port to A-port direction.
6
B2
Input threshold value depends on VCCB.
7
B1
Input threshold value depends on VCCB.
8
VCCB
SYSTEM-2 supply voltage (1.2 V to 3.6 V)
10.2.1.3 Application Curve
Figure 9. 3.3- to 1.8-V Level-Shifting With 1-MHz Square Wave
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: SN74AVCH2T45


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn