Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G79DCKT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G79DCKT
Description  Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G79DCKT Datasheet(HTML) 3 Page - Texas Instruments

  SN74AUP1G79DCKT Datasheet HTML 1Page - Texas Instruments SN74AUP1G79DCKT Datasheet HTML 2Page - Texas Instruments SN74AUP1G79DCKT Datasheet HTML 3Page - Texas Instruments SN74AUP1G79DCKT Datasheet HTML 4Page - Texas Instruments SN74AUP1G79DCKT Datasheet HTML 5Page - Texas Instruments SN74AUP1G79DCKT Datasheet HTML 6Page - Texas Instruments SN74AUP1G79DCKT Datasheet HTML 7Page - Texas Instruments SN74AUP1G79DCKT Datasheet HTML 8Page - Texas Instruments SN74AUP1G79DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
3
2
4
5
1
D
V
CC
Q
CLK
GND
DCK PACKAGE
(TOP VIEW)
3
2
4
5
1
D
V
CC
Q
CLK
GND
DRL PACKAGE
(TOP VIEW)
DBV PACKAGE
(TOP VIEW)
3
2
4
5
1
D
V
CC
Q
CLK
GND
DRY PACKAGE
(TOP VIEW)
CLK
N.C.
D
6
5
4
2
3
GND
Q
V
CC
1
GND
Q
3
4
CLK
2
5
D
6
1
N.C.
V
CC
DSF PACKAGE
(TOP VIEW)
YZP PACKAGE
(TOP VIEW)
GND
D
Q
V
CC
CLK
3
5
2
1
4
A1
B1
C1
A2
C2
YFP PACKAGE
(TOP VIEW)
GND
D
Q
V
CC
CLK
3
6
2
1
4
5
N.C.
A1
B1
C1
A2
B2
C2
SN74AUP1G79
www.ti.com
SCES592H – JULY 2004 – REVISED APRIL 2015
6 Pin Configuration and Functions
Pin Functions
PIN
I/O
DESCRIPTION
DBV, DCK,
DRY,
NAME
YZP
YFP
DRL
DSF
CLK
2
2
B1
B1
I
Clock Input
D
1
1
A1
A1
I
Data Input
GND
3
3
C1
C1
Ground
N.C.
5
B2
No Connect
Q
4
4
C2
C2
O
Q Output
VCC
5
6
A2
A2
Power
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74AUP1G79


Similar Part No. - SN74AUP1G79DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G79DCKT TI-SN74AUP1G79DCKT Datasheet
266Kb / 15P
[Old version datasheet]   LOW POWER SINGLE POSITIVE EDGE TRIGGERRED D TYPE FLIP FLOP
SN74AUP1G79DCKT TI-SN74AUP1G79DCKT Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79DCKT TI-SN74AUP1G79DCKT Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79DCKT TI1-SN74AUP1G79DCKT Datasheet
1Mb / 45P
[Old version datasheet]   SN74AUP1G79 Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79DCKTE4 TI-SN74AUP1G79DCKTE4 Datasheet
266Kb / 15P
[Old version datasheet]   LOW POWER SINGLE POSITIVE EDGE TRIGGERRED D TYPE FLIP FLOP
More results

Similar Description - SN74AUP1G79DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G74 TI1-SN74AUP1G74_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80_017 TI1-SN74AUP1G80_017 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com