Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVC2T45 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74AVC2T45
Description  2-Supply, Bus Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC2T45 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AVC2T45_15 Datasheet HTML 5Page - Texas Instruments SN74AVC2T45_15 Datasheet HTML 6Page - Texas Instruments SN74AVC2T45_15 Datasheet HTML 7Page - Texas Instruments SN74AVC2T45_15 Datasheet HTML 8Page - Texas Instruments SN74AVC2T45_15 Datasheet HTML 9Page - Texas Instruments SN74AVC2T45_15 Datasheet HTML 10Page - Texas Instruments SN74AVC2T45_15 Datasheet HTML 11Page - Texas Instruments SN74AVC2T45_15 Datasheet HTML 12Page - Texas Instruments SN74AVC2T45_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
SN74AVC2T45
www.ti.com
SCES531K – DECEMBER 2003 – REVISED APRIL 2015
6.10 Switching Characteristics: VCCA = 3.3 V ±0.3 V
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (see Figure 11)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
(1)
2.5
0.3
4.7
0.2
3.8
0.2
2.8
0.2
2.4
A
B
ns
tPHL
(1)
2.5
0.3
4.7
0.2
3.8
0.2
2.8
0.2
2.4
tPLH
(1)
2.1
0.6
3.6
0.4
3.1
0.3
2.6
0.3
2.4
B
A
ns
tPHL
(1)
2.1
0.6
3.6
0.4
3.1
0.3
2.6
0.3
2.4
tPHZ
(1)
2.9
1.1
8
1
6.5
1.3
4.7
1.2
4
DIR
A
ns
tPLZ
(1)
2.9
1.1
8
1
6.5
1.3
4.7
1.2
4
tPHZ
(1)
3.4
0.5
6.6
0.3
5.6
0.3
4.6
1.1
4.2
DIR
B
ns
tPLZ
(1)
3.4
0.5
6.6
0.3
5.6
0.3
4.6
1.1
4.2
tPZH
(1) (2)
5.5
10.2
8.7
7.2
6.6
DIR
A
ns
tPZL
(1) (2)
5.5
10.2
8.7
7.2
6.6
tPZH
(1) (2)
5.4
12.7
10.3
7.5
6.4
DIR
B
ns
tPZL
(1) (2)
5.4
12.7
10.3
7.5
6.4
(1)
tPLH: Low-to-high Propagation Delay; tPHL: High-to-Low Propagation Delay; tPHZ: High-to-Hi-Z Propagation Delay; tPLZ: Low-to-Hi-Z
Propagation Delay; tPZH: Hi-Z-to-High Propagation Delay; tPZL: Hi-Z-to-Low Propagation Delay
(2)
The enable time is a calculated value, derived using the formula shown in the section.
6.11 Operating Characteristics
TA = 25°C
VCCA =
VCCA =
VCCA =
VCCA =
VCCA =
TEST
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
A-port input,
3
3
3
3
4
CL = 0,
B-port output
CpdA
(1)
f = 10 MHz,
pF
B-port input,
tr
(2) = t
f
(2) = 1 ns
12
13
13
14
15
A-port output
A-port input,
12
13
13
14
15
CL = 0,
B-port output
CpdB
(1)
f = 10 MHz,
pF
B-port input,
tr
(2) = t
f
(2) = 1 ns
3
3
3
3
4
A-port output
(1)
Power-dissipation capacitance per transceiver
(2)
tr: Rise time; tf: Fall time
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74AVC2T45


Similar Part No. - SN74AVC2T45_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC2T45 TI-SN74AVC2T45_10 Datasheet
634Kb / 24P
[Old version datasheet]   DUAL-BIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVC2T45_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH2T45 TI1-SN74AVCH2T45_15 Datasheet
985Kb / 31P
[Old version datasheet]   2-Supply, Bus Transceiver with Configurable Level-Shifting
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX3245 STMICROELECTRONICS-74LVX3245_04 Datasheet
330Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC3245 STMICROELECTRONICS-74LVXC3245 Datasheet
345Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
74LVXC4245 STMICROELECTRONICS-74LVXC4245_04 Datasheet
344Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS_07 Datasheet
192Kb / 9P
   Dual Supply Octal Bus Transceiver
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com