Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1T17DCKR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1T17DCKR
Description  3.3-V CMOS Output Single Schmitt-Trigger Buffer Gate
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1T17DCKR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AUP1T17DCKR Datasheet HTML 6Page - Texas Instruments SN74AUP1T17DCKR Datasheet HTML 7Page - Texas Instruments SN74AUP1T17DCKR Datasheet HTML 8Page - Texas Instruments SN74AUP1T17DCKR Datasheet HTML 9Page - Texas Instruments SN74AUP1T17DCKR Datasheet HTML 10Page - Texas Instruments SN74AUP1T17DCKR Datasheet HTML 11Page - Texas Instruments SN74AUP1T17DCKR Datasheet HTML 12Page - Texas Instruments SN74AUP1T17DCKR Datasheet HTML 13Page - Texas Instruments SN74AUP1T17DCKR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
VCC
Unused Input
Input
Output
Output
Input
Unused Input
LVC
AUP
LVC
3.3-V
Logic(1)
0%
20%
40%
60%
80%
100%
AUP
AUP
3.3-V
Logic(1)
0%
20%
40%
60%
80%
100%
SN74AUP1T17
SCES803A – APRIL 2010 – REVISED JUNE 2015
www.ti.com
Typical Application (continued)
9.2.3 Application Curves
Figure 4 and Figure 5 show the power consumption with the AUP family.
(1) Single, dual, and triple gates
(1) Single, dual, and triple gates
Figure 4. Static-Power Consumption (µA)
Figure 5. Dynamic-Power Consumption (pF)
10 Power Supply Recommendations
The power supply can be any voltage between the min and max supply voltage rating located in the
Recommended Operating Conditions table.
Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply a 0.1-
μF capacitor is recommended and if there are multiple Vcc pins then a 0.01-μF or 0.022-μF
capacitor is recommended for each power pin. It is ok to parallel multiple bypass caps to reject different
frequencies of noise. 0.1-
μF and 1-μF capacitors are commonly used in parallel. The bypass capacitor should be
installed as close to the power pin as possible for best results.
11 Layout
11.1 Layout Guidelines
When using multiple bit logic devices inputs should not ever float. In many cases, functions or parts of functions
of digital logic devices are unused, for example, when only two inputs of a triple-input AND gate are used or only
3 of the 4 buffer gates are used. Such input terminals should not be left unconnected because the undefined
voltages at the outside connections result in undefined operational states. Specified below are the rules that must
be observed under all circumstances. All unused inputs of digital logic devices must be connected to a high or
low bias to prevent them from floating. The logic level that should be applied to any particular unused input
depends on the function of the device. Generally they will be tied to Gnd or Vcc whichever make more sense or
is more convenient.
11.2 Layout Example
Figure 6. Layout Example Schematic
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: SN74AUP1T17


Similar Part No. - SN74AUP1T17DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T17DCKR TI-SN74AUP1T17DCKR Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER BUFFER GATE
More results

Similar Description - SN74AUP1T17DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T50 TI1-SN74AUP1T50 Datasheet
762Kb / 15P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER BUFFER GATE
SN74AUP1T17 TI-SN74AUP1T17 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER BUFFER GATE
SN74AUP1T14 TI-SN74AUP1T14 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AUP1T14 TI1-SN74AUP1T14_15 Datasheet
761Kb / 14P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AUP1T157 TI-SN74AUP1T157 Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (NONINVERTED)
SN74AUP1T158 TI-SN74AUP1T158 Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (INVERTED)
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com