Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1T17 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AUP1T17
Description  3.3-V CMOS Output Single Schmitt-Trigger Buffer Gate
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1T17 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP1T17_15 Datasheet HTML 1Page - Texas Instruments SN74AUP1T17_15 Datasheet HTML 2Page - Texas Instruments SN74AUP1T17_15 Datasheet HTML 3Page - Texas Instruments SN74AUP1T17_15 Datasheet HTML 4Page - Texas Instruments SN74AUP1T17_15 Datasheet HTML 5Page - Texas Instruments SN74AUP1T17_15 Datasheet HTML 6Page - Texas Instruments SN74AUP1T17_15 Datasheet HTML 7Page - Texas Instruments SN74AUP1T17_15 Datasheet HTML 8Page - Texas Instruments SN74AUP1T17_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
SN74AUP1T17
SCES803A – APRIL 2010 – REVISED JUNE 2015
SN74AUP1T17 Low Power, 1.8/2.5/3.3-V Input, 3.3-V CMOS Output,
Single Schmitt-Trigger Buffer Gate
1 Features
3 Description
The SN74AUP1T17 performs the Boolean function
1
Single-Supply Voltage Translator
Y = A with designation for logic-level translation
Output Level Up to Supply VCC CMOS Level
applications with output referenced to supply VCC.
1.8 V to 3.3 V (at VCC = 3.3 V)
AUP technology is the industry's lowest-power logic
2.5 V to 3.3 V (at VCC = 3.3 V)
technology designed for use in extending battery-life
1.8 V to 2.5 V (at VCC = 2.5 V)
in operating. All input levels that accept 1.8-V
LVCMOS signals, while operating from either a single
3.3 V to 2.5 V (at VCC = 2.5 V
3.3-V or 2.5-V VCC supply. This product also
Schmitt-Trigger Inputs Reject Input Noise and
maintains excellent signal integrity (see Figure 4 and
Provide Better Output Signal Integrity
Figure 1).
Ioff Supports Partial Power Down (VCC = 0 V)
The wide VCC range of 2.3 V to 3.6 V allows the
Very Low Static Power Consumption:
possibility of switching output level to connect to
0.1 µA
external controllers or processors.
Very Low Dynamic Power Consumption:
Schmitt-trigger inputs (
ΔVT = 210 mV between
0.9 µA
positive and negative input transitions) offer improved
Latch-Up Performance Exceeds 100 mA Per
noise immunity during switching transitions, which is
especially useful on analog mixed-mode designs.
JESD 78, Class II
Schmitt-trigger inputs reject input noise, ensure
Pb-Free Packages Available: SC-70 (DCK)
integrity of output signals, and allow for slow input
2 x 2.1 x 0.65 mm (Height 1.1 mm)
signal transition.
More Gate Options Available at
Ioff is a feature that allows for powered-down
www.ti.com/littlelogic
conditions (VCC = 0 V) and is important in portable
ESD Performance Tested Per JESD 22
and mobile applications. When VCC = 0 V, signals in
2000-V Human Body Model
the range from 0 V to 3.6 V can be applied to the
(A114-B, Class II)
inputs and outputs of the device. No damage occurs
to the device under these conditions.
1000-V Charged-Device Model (C101)
The SN74AUP1T17 is designed with optimized
2 Applications
current-drive capability of 4 mA to reduce line
reflections, overshoot, and undershoot caused by
AV Receivers
high-drive outputs.
Audio Dock: Portable
Blu-ray Players and Home Theaters
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
MP3 Players and Recorders
SN74AUP1T17DCK
SC70 (5)
2.00 mm x 1.25 mm
Personal Digital Assistant (PDA)
Power: Telecom/Server AC/DC Supply: Single
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Controller: Analog and Digital
Solid State Drive (SSD): Client and Enterprise
Simplified Schematic
TV: LCD/Digital and High-Definition (HDTV)
Tablet: Enterprise
Video Analytics: Servers
Wireless Headsets, Keyboards, and Mice
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74AUP1T17_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T17DCKR TI-SN74AUP1T17DCKR Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER BUFFER GATE
SN74AUP1T17DCKT TI-SN74AUP1T17DCKT Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER BUFFER GATE
More results

Similar Description - SN74AUP1T17_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T50 TI1-SN74AUP1T50 Datasheet
762Kb / 15P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER BUFFER GATE
SN74AUP1T17 TI-SN74AUP1T17 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER BUFFER GATE
SN74AUP1T14 TI-SN74AUP1T14 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AUP1T14 TI1-SN74AUP1T14_15 Datasheet
761Kb / 14P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AUP1T157 TI-SN74AUP1T157 Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (NONINVERTED)
SN74AUP1T158 TI-SN74AUP1T158 Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (INVERTED)
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com