Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEF3452 Datasheet(PDF) 69 Page - Infineon Technologies AG

Part # PEF3452
Description  Line Interface Unit for DS3, STS 1 and E3
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF3452 Datasheet(HTML) 69 Page - Infineon Technologies AG

Back Button PEF3452 Datasheet HTML 63Page - Infineon Technologies AG PEF3452 Datasheet HTML 64Page - Infineon Technologies AG PEF3452 Datasheet HTML 65Page - Infineon Technologies AG PEF3452 Datasheet HTML 66Page - Infineon Technologies AG PEF3452 Datasheet HTML 67Page - Infineon Technologies AG PEF3452 Datasheet HTML 68Page - Infineon Technologies AG PEF3452 Datasheet HTML 69Page - Infineon Technologies AG PEF3452 Datasheet HTML 70Page - Infineon Technologies AG PEF3452 Datasheet HTML 71Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 69 / 71 page
background image
PEF 3452
TE3-LIU V1.3
PRELIMINARY
Preliminary Data Sheet
59
2001-12-05
Index
A
AIS
11
Ambient temperature
38
AMI
24
ANSI
10, 57
Applications
3, 5
B
B3ZS
24
buffer
31
C
Cable
57
Clock
8, 10
Clock and Data Recovery
24
crystal
31, 44
E
Edge Selection
12
ESD
38
External Component Values
21, 22
H
HDB3
25
I
Input Jitter
27
international standards
10
intrinsic jitter
24
ITU-T
10
J
JATT
31
Jitter Attenuation
10, 13, 31, 32
Jitter Tolerance
27, 28
L
Line Coding
11, 24
Line Monitoring
12, 22
Local Loop
12, 36
Loss of Signal
13
M
MIL-Std 883D
38
O
Operating Range
39
Output Jitter
28
P
Package
54, 56
PLL
42
P-MQFP-44-2
56
Power Down
37
Power Supply
14, 38
Pulse Shaper
33
Pulse Template DS3
50
Pulse Template E3
49
Pulse Template STS-1
52
R
RCLK
48
Receive Clock
8
Receive Data
8
Receive Line Interface
8, 23
Receive Return Loss
23
Receiver
21
Reference Clock
10, 43
Remote Loop
12, 35
Reset
11, 37, 42, 46
S
Supply voltage
39
T
TAP Controller
15
Temperature
3
Thermal Behaviour
54
Transmit Clock
9
Transmit Data
9
Transmit Line
37
Transmit Line Interface
9, 29


Similar Part No. - PEF3452

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF3460E INFINEON-PEF3460E Datasheet
146Kb / 2P
   Single channel T3/E3 Framer & Line Interface for ATM, Frame Relay and PPP/IP
2001
More results

Similar Description - PEF3452

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS3150 MAXIM-DS3150 Datasheet
399Kb / 28P
   3.3V, DS3/E3/STS-1 Line Interface Unit
REV: 012505
logo
Exar Corporation
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com