Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC08APWT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC08APWT
Description  Quadruple 2-Input Positive-AND Gates
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC08APWT Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC08APWT Datasheet HTML 6Page - Texas Instruments SN74LVC08APWT Datasheet HTML 7Page - Texas Instruments SN74LVC08APWT Datasheet HTML 8Page - Texas Instruments SN74LVC08APWT Datasheet HTML 9Page - Texas Instruments SN74LVC08APWT Datasheet HTML 10Page - Texas Instruments SN74LVC08APWT Datasheet HTML 11Page - Texas Instruments SN74LVC08APWT Datasheet HTML 12Page - Texas Instruments SN74LVC08APWT Datasheet HTML 13Page - Texas Instruments SN74LVC08APWT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
A
B
Y
SN54LVC08A, SN74LVC08A
SCAS283S – JANUARY 1993 – REVISED AUGUST 2015
www.ti.com
9 Detailed Description
9.1 Overview
The SN74LVC08 device contains quadruple 2-input positive AND gate device and performs the Boolean function
Y= A ·B. This device is useful when multiple AND function is used in the system.
9.2 Functional Block Diagram
Figure 4. Logic Diagram, Each Gate (Positive Logic)
9.3 Feature Description
The device can operate from 1.65 V to 3.6 V, allowing to be used in low voltage systems.
The device can accept voltages to 5.5 V make this device flexible to connect and work seamlessly with wide
voltage range systems.
The maximum tpd of 4.1 ns at 3.3 V is beneficial for use in high speed applications.
The device has a Ioff support live insertion, a partial-power-down mode, and a back-drive protection.
9.4 Device Functional Modes
Table 1 lists the functional modes for the SN54LVC08A and SN74LVC08A devices.
Table 1. Truth Table
INPUTS
OUTPUT
A
B
Y
H
H
H
L
X
L
X
L
L
10
Submit Documentation Feedback
Copyright © 1993–2015, Texas Instruments Incorporated
Product Folder Links: SN54LVC08A SN74LVC08A


Similar Part No. - SN74LVC08APWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC08APWT TI-SN74LVC08APWT Datasheet
792Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08APWT TI-SN74LVC08APWT Datasheet
899Kb / 24P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08APWT TI1-SN74LVC08APWT Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
SN74LVC08APWT TI1-SN74LVC08APWT Datasheet
2Mb / 44P
[Old version datasheet]   SNx4LVC08A Quadruple 2-Input Positive-AND Gates
MARCH 2024
SN74LVC08APWTE4 TI-SN74LVC08APWTE4 Datasheet
792Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74LVC08APWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com