Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC08PWG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC08PWG4
Description  Quadruple 2-Input Positive-AND Gates
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC08PWG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AHC08PWG4 Datasheet HTML 2Page - Texas Instruments SN74AHC08PWG4 Datasheet HTML 3Page - Texas Instruments SN74AHC08PWG4 Datasheet HTML 4Page - Texas Instruments SN74AHC08PWG4 Datasheet HTML 5Page - Texas Instruments SN74AHC08PWG4 Datasheet HTML 6Page - Texas Instruments SN74AHC08PWG4 Datasheet HTML 7Page - Texas Instruments SN74AHC08PWG4 Datasheet HTML 8Page - Texas Instruments SN74AHC08PWG4 Datasheet HTML 9Page - Texas Instruments SN74AHC08PWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
SN74AHC08, SN54AHC08
SCLS236J – MARCH 1996 – REVISED DECEMBER 2015
www.ti.com
7.6 Electrical Characteristics, TA = –55°C to 125°C, SN54AHC08
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
2 V
1.9
IOH = –50 µA
3 V
2.9
VOH
4.5 V
4.4
V
IOH = –4 mA
3 V
2.48
IOH = –8 mA
4.5 V
3.8
2 V
0.1
IOL = 50 µA
3 V
0.1
VOL
4.5 V
0.1
V
IOH = 4 mA
3 V
0.5
IOH = 8 mA
4.5 V
0.5
II
VI = 5.5 V or GND
0 V to 5.5 V
±1(1)
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
20
µA
Ci
VI = VCC or GND
5 V
pF
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
7.7 Electrical Characteristics, TA = –40°C to 125°C, SN74AHC08
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA
MIN
MAX
UNIT
2 V
1.9
IOH = –50 µA
3 V
2.9
VOH
4.5 V
4.4
V
IOH = –4 mA
3 V
2.48
IOH = –8 mA
4.5 V
3.8
2 V
0.1
IOL = 50 µA
3 V
0.1
4.5 V
0.1
TA = –40°C to 85°C
0.44
VOL
V
IOH = 4 mA
3 V
TA = –40°C to125°C
0.5
Recommended
TA = –40°C to 85°C
0.44
IOH = 8 mA
4.5 V
TA = –40°C to125°C
0.5
Recommended
II
VI = 5.5 V or GND
0 V to 5.5 V
±1
µA
ICC
VI = VCC or GND, IO = 0
5.5 V
20
µA
Ci
VI = VCC or GND
5 V
TA = –40°C to 85°C
10
pF
7.8 Switching Characteristics, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
FROM
TO
LOAD
PARAMETER
TA
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
TA = 25°C
6.2(1)
8.8(1)
TA = –55°C to 125°C, SN54AHC08
1(1)
10.5(1)
tPLH, tPHL
A or B
Y
CL = 15 pF
ns
TA = –40°C to 85°C, SN74AHC08
1
10.5
TA = –40°C to 125°C Recommended,
1
10.5
SN74AHC08
TA = 25°C
8.7
12.3
TA = –55°C to 125°C, SN54AHC08
1
14
tPLH, tPHL
A or B
Y
CL = 50 pF
ns
TA = –40°C to 85°C, SN74AHC08
1
14
TA = –40°C to 125°C Recommended,
1
14
SN74AHC08
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
6
Submit Documentation Feedback
Copyright © 1996–2015, Texas Instruments Incorporated
Product Folder Links: SN74AHC08 SN54AHC08


Similar Part No. - SN74AHC08PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC08PWG4 TI-SN74AHC08PWG4 Datasheet
737Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74AHC08PWG4 TI-SN74AHC08PWG4 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74AHC08PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com