Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC595N Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC595N
Description  8-Bit Shift Registers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC595N Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AHC595N Datasheet HTML 4Page - Texas Instruments SN74AHC595N Datasheet HTML 5Page - Texas Instruments SN74AHC595N Datasheet HTML 6Page - Texas Instruments SN74AHC595N Datasheet HTML 7Page - Texas Instruments SN74AHC595N Datasheet HTML 8Page - Texas Instruments SN74AHC595N Datasheet HTML 9Page - Texas Instruments SN74AHC595N Datasheet HTML 10Page - Texas Instruments SN74AHC595N Datasheet HTML 11Page - Texas Instruments SN74AHC595N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
SN74AHC595
SCLS373K – MAY 1996 – REVISED SEPTEMBER 2015
www.ti.com
Switching Characteristics: VCC = 3.3 V ± 0.3 V (continued)
over operating free-air temperature range (unless otherwise noted)
FROM
TO
LOAD
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
TA = 25°C
6.2(1)
12.8(1)
tPHL
SRCLR
QH'
CL = 15 pF
TA = –40°C to 85°C
1
13.7
ns
TA = –40°C to 125°C Recommended
1
15
TA = 25°C
6(1)
11.5(1)
tPZH
OE
QA – QH
CL = 15 pF
TA = –40°C to 85°C
1
13.5
ns
TA = –40°C to 125°C Recommended
1
14.9
TA = 25°C
7.8(1)
11.5(1)
tPZL
OE
QA – QH
CL = 15 pF
TA = –40°C to 85°C
1
13.5
ns
TA = –40°C to 125°C Recommended
1
14.9
TA = 25°C
7.9
15.4
tPLH
RCLK
QA – QH
CL = 50 pF
TA = –40°C to 85°C
1
17
ns
TA = –40°C to 125°C Recommended
1
18.6
TA = 25°C
7.9
15.4
tPHL
RCLK
QA – QH
CL = 50 pF
TA = –40°C to 85°C
1
17
ns
TA = –40°C to 125°C Recommended
1
18.6
TA = 25°C
9.2
16.5
tPLH
SRCLK
QH'
CL = 50 pF
TA = –40°C to 85°C
1
18.5
ns
TA = –40°C to 125°C Recommended
1
20
TA = 25°C
9.2
16.5
tPHL
SRCLK
QH'
CL = 50 pF
TA = –40°C to 85°C
1
18.5
ns
TA = –40°C to 125°C Recommended
1
20
TA = 25°C
9
16.3
tPHL
SRCLR
QH'
CL = 50 pF
TA = –40°C to 85°C
1
17.2
ns
TA = –40°C to 125°C Recommended
1
18.7
TA = 25°C
7.8
15
tPZH
OE
QA – QH
CL = 50 pF
TA = –40°C to 85°C
1
17
ns
TA = –40°C to 125°C Recommended
1
18.6
TA = 25°C
9.6
15
tPZL
OE
QA – QH
CL = 50 pF
TA = –40°C to 85°C
1
17
ns
TA = –40°C to 125°C Recommended
1
18.6
TA = 25°C
8.1
15.7
tPHZ
OE
QA – QH
CL = 50 pF
TA = –40°C to 85°C
1
16.2
ns
TA = –40°C to 125°C Recommended
1
17.4
TA = 25°C
9.3
15.7
tPLZ
OE
QA – QH
CL = 50 pF
TA = –40°C to 85°C
1
16.2
ns
TA = –40°C to 125°C Recommended
1
17.4
8
Submit Documentation Feedback
Copyright © 1996–2015, Texas Instruments Incorporated
Product Folder Links: SN74AHC595


Similar Part No. - SN74AHC595N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC595N TI-SN74AHC595N Datasheet
163Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74AHC595N TI-SN74AHC595N Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74AHC595N TI-SN74AHC595N Datasheet
729Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74AHC595N TI1-SN74AHC595N Datasheet
754Kb / 32P
[Old version datasheet]   SN74AHC595 8-Bit Shift Registers With 3-State Output Registers
SEPTEMBER 2015
SN74AHC595NE4 TI-SN74AHC595NE4 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - SN74AHC595N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54198 TI-SN54198 Datasheet
394Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS
logo
Unisonic Technologies
U74HCT595 UTC-U74HCT595_15 Datasheet
196Kb / 6P
   8-BIT SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS91 HITACHI-HD74LS91 Datasheet
59Kb / 6P
   8-bit Shift Registers
logo
Texas Instruments
SN5491A TI-SN5491A Datasheet
204Kb / 5P
[Old version datasheet]   8-BIT SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS166A HITACHI-HD74LS166A Datasheet
91Kb / 7P
   8-bit Shift Registers
logo
Aeroflex Circuit Techno...
UT54ACS164E AEROFLEX-UT54ACS164E Datasheet
158Kb / 9P
   8-Bit Shift Registers
logo
Motorola, Inc
SN54LS166 MOTOROLA-SN54LS166 Datasheet
106Kb / 4P
   8-BIT SHIFT REGISTERS
logo
Aeroflex Circuit Techno...
UT54ACS164 AEROFLEX-UT54ACS164 Datasheet
246Kb / 10P
   8-Bit Shift Registers
logo
Texas Instruments
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com