Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC14AD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC14AD
Description  Hex Schmitt-Trigger Inverters
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC14AD Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC14AD Datasheet HTML 1Page - Texas Instruments SN74LVC14AD Datasheet HTML 2Page - Texas Instruments SN74LVC14AD Datasheet HTML 3Page - Texas Instruments SN74LVC14AD Datasheet HTML 4Page - Texas Instruments SN74LVC14AD Datasheet HTML 5Page - Texas Instruments SN74LVC14AD Datasheet HTML 6Page - Texas Instruments SN74LVC14AD Datasheet HTML 7Page - Texas Instruments SN74LVC14AD Datasheet HTML 8Page - Texas Instruments SN74LVC14AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Y
A
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54LVC14A, SN74LVC14A
SCAS285AA – MARCH 1993 – REVISED JUNE 2015
SNx4LVC14A Hex Schmitt-Trigger Inverters
1 Features
3 Description
The SN54LVC14A hex Schmitt-trigger inverter is
1
Operate From 1.65 V to 3.6 V VCC
designed for 2.7-V to 3.6-V VCC operation, and the
Specified From –40°C to 85°C,
SN74LVC14A hex Schmitt-trigger inverter is designed
–40°C to 125°C, and –55°C to 125°C
for 1.65-V to 3.6-V VCC operation.
Inputs Accept Voltages to 5.5 V
The devices contain six independent inverters and
Max tpd of 6.4 ns at 3.3 V
perform the Boolean function Y = A.
Typical VOLP (Output Ground Bounce)
Inputs can be driven from either 3.3-V or 5-V devices.
<0.8 V at VCC = 3.3 V, TA = 25°C
This feature allows the use of these devices as
Typical VOHV (Output VOH Undershoot)
translators
in
a
mixed
3.3-V
or
5-V
system
>2 V at VCC = 3.3 V, TA = 25°C
environment.
Ioff Support Live Insertion, Partial-Power-Down
Device Information(1)
Mode and Back Drive protection
PART NUMBER
PACKAGE
BODY SIZE (NOM)
On Products Compliant to MIL-PRF-38535,
LCCC (20)
8.90 mm × 8.90 mm
All Parameters Are Tested Unless Otherwise
SN54LVC14A
CDIP (14)
20.00 mm × 7.00 mm
Noted. On All Other Products, Production
CFP (14)
9.21 mm × 6.30 mm
Processing Does Not Necessarily Include Testing
of All Parameters.
SO (14)
10.20 mm × 5.30 mm
SOIC (14)
8.65 mm × 6.00 mm
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
SSOP (14)
6.20 mm × 5.30 mm
SN74LVC14A
TSSOP (14)
5.00 mm × 4.40 mm
ESD Protection Exceeds JESD 22
TVSOP (14)
4.40 mm × 3.60 mm
2000-V Human-Body Model (A114-A)
VQFN (14)
3.50 mm × 3.50 mm
200-V Machine Model (A115-A)
(1) For all available packages, see the orderable addendum at
1000-V Charged-Device Model (C101)
the end of the data sheet.
2 Applications
Logic Diagram (Positive Logic)
Barcode Scanner
Cable Solutions
E-Books
Embedded PCs
Field Transmitter: Temperature or Pressure
Sensors
Fingerprint Biometrics
HVAC: Heating, Ventilating, and Air Conditioning
Network-Attached Storage (NAS)
Server Motherboard and PSU
Software Defined Radio (SDR)
TV: High Definition (HDTV), LCD, and Digital
Video Communications Systems
Wireless Data Access Cards, Headsets,
Keyboards, Mice, and LAN Cards
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC14AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC14AD TI-SN74LVC14AD Datasheet
552Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74LVC14AD TI-SN74LVC14AD Datasheet
335Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74LVC14AD TI-SN74LVC14AD Datasheet
825Kb / 24P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74LVC14ADB TI-SN74LVC14ADB Datasheet
552Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74LVC14ADBLE TI-SN74LVC14ADBLE Datasheet
552Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - SN74LVC14AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com