Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV164APW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV164APW
Description  8-Bit Parallel-Out Serial Shift Registers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV164APW Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV164APW Datasheet HTML 2Page - Texas Instruments SN74LV164APW Datasheet HTML 3Page - Texas Instruments SN74LV164APW Datasheet HTML 4Page - Texas Instruments SN74LV164APW Datasheet HTML 5Page - Texas Instruments SN74LV164APW Datasheet HTML 6Page - Texas Instruments SN74LV164APW Datasheet HTML 7Page - Texas Instruments SN74LV164APW Datasheet HTML 8Page - Texas Instruments SN74LV164APW Datasheet HTML 9Page - Texas Instruments SN74LV164APW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SN54LV164A, SN74LV164A
SCLS403I – APRIL 1998 – REVISED MARCH 2015
www.ti.com
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
SN74LV164A
SN74LV164A
SN54LV164A(1)
–40°C to 85°C
–40°C to 125°C
PARAMTER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
2 V to
IOH = –50 µA
VCC – 0.1
VCC – 0.1
VCC – 0.1
5.5 V
IOH = –2 mA
2.3 V
2
2
2
VOH
V
IOH = –6 mA
3 V
2.48
2.48
2.48
IOH = –12 mA
4.5 V
3.8
3.8
3.8
2 V to
IOL = 50 µA
0.1
0.1
0.1
5.5 V
IOL = 2 mA
2.3 V
0.4
0.4
0.4
VOL
V
IOL = 6 mA
3 V
0.44
0.44
0.44
IOL = 12 mA
4.5 V
0.55
0.55
0.55
0 to
II
VI = 5.5 V or GND
±1
±1
±1
µA
5.5 V
ICC
VI = VCC or GND,
IO = 0
5.5
20
20
20
µA
Ioff
VI or VO = 0 to 5.5 V
0
5
5
5
µA
Ci
VI = VCC or GND
3.3 V
2.2
2.2
2.2
pF
(1)
Product Preview
6.6 Timing Requirements: VCC = 2.5 V ± 0.2 V
over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 4)
SN74LV164A
SN74LV164A
TA = 25°C
SN54LV164A(1)
–40°C to 85°C
–40°C to 125°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
CLR low
6
6.5
6.5
6.5
tw
Pulse duration
ns
CLK high or low
6.5
7.5
7.5
7.5
Data before CLK
6.5
8.5
8.5
8.5
tsu
Setup time
ns
CLR inactive
3
3
3
3
th
Hold time
Data after CLK
–0.5
0
0
0
ns
(1)
Product Preview
6.7 Timing Requirements: VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 4)
SN74LV164A
SN74LV164A
TA = 25°C
SN54LV164A(1)
–40°C to 85°C
–40°C to 125°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
CLR low
5
5
5
5
tw
Pulse duration
ns
CLK high or low
5
5
5
5
Data before CLK
5
6
6
6
tsu
Setup time
ns
CLR inactive
2.5
2.5
2.5
2.5
th
Hold time
Data after CLK
0
0
0
0
ns
(1)
Product Preview
6
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
SN74LV164A


Similar Part No. - SN74LV164APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV164APW TI-SN74LV164APW Datasheet
464Kb / 17P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74LV164APW TI-SN74LV164APW Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74LV164APW TI-SN74LV164APW Datasheet
701Kb / 21P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74LV164APW TI-SN74LV164APW Datasheet
702Kb / 21P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74LV164APW TI-SN74LV164APW Datasheet
1Mb / 36P
[Old version datasheet]   SN74LV164A 8-Bit Parallel-Out Serial Shift Registers
DECEMBER 2022
More results

Similar Description - SN74LV164APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI1-SN54HC164_16 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com