Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC245DWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC245DWR
Description  Octal Bus Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC245DWR Datasheet(HTML) 2 Page - Texas Instruments

  SN74HC245DWR Datasheet HTML 1Page - Texas Instruments SN74HC245DWR Datasheet HTML 2Page - Texas Instruments SN74HC245DWR Datasheet HTML 3Page - Texas Instruments SN74HC245DWR Datasheet HTML 4Page - Texas Instruments SN74HC245DWR Datasheet HTML 5Page - Texas Instruments SN74HC245DWR Datasheet HTML 6Page - Texas Instruments SN74HC245DWR Datasheet HTML 7Page - Texas Instruments SN74HC245DWR Datasheet HTML 8Page - Texas Instruments SN74HC245DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
SN54HC245, SN74HC245
SCLS131E – DECEMBER 1982 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ......................................... 8
1
Features .................................................................. 1
8.3
Feature Description................................................... 8
2
Applications ........................................................... 1
8.4
Device Functional Modes.......................................... 8
3
Description ............................................................. 1
9
Application and Implementation .......................... 9
4
Revision History..................................................... 2
9.1
Application Information.............................................. 9
5
Pin Configuration and Functions ......................... 3
9.2
Typical Application ................................................... 9
6
Specifications......................................................... 4
10
Power Supply Recommendations ..................... 10
6.1
Absolute Maximum Ratings ...................................... 4
11
Layout................................................................... 10
6.2
ESD Ratings.............................................................. 4
11.1
Layout Guidelines ................................................. 10
6.3
Recommended Operating Conditions ....................... 4
11.2
Layout Example .................................................... 10
6.4
Thermal Information .................................................. 5
12
Device and Documentation Support ................. 11
6.5
Electrical Characteristics........................................... 5
12.1
Related Links ........................................................ 11
6.6
Switching Characteristics, CL = 50 pF ...................... 5
12.2
Community Resources.......................................... 11
6.7
Switching Characteristics, CL = 150 pF .................... 6
12.3
Trademarks ........................................................... 11
6.8
Operating Characteristics.......................................... 6
12.4
Electrostatic Discharge Caution ............................ 11
6.9
Typical Characteristics .............................................. 6
12.5
Glossary ................................................................ 11
7
Parameter Measurement Information .................. 7
13
Mechanical, Packaging, and Orderable
8
Detailed Description .............................................. 8
Information ........................................................... 11
8.1
Overview ................................................................... 8
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (August 2003) to Revision E
Page
Added Device Comparison section, Thermal Informationsection , ESD Ratings section, Application and
Implementation section, Power Supply Recommendations section, and Layout section. ..................................................... 1
Added Military Disclaimer to Features list. ............................................................................................................................. 1
Updated FK package pinout drawing. .................................................................................................................................... 3
2
Submit Documentation Feedback
Copyright © 1982–2015, Texas Instruments Incorporated
Product Folder Links: SN54HC245 SN74HC245


Similar Part No. - SN74HC245DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC245DWR TI-SN74HC245DWR Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HC245DWR TI-SN74HC245DWR Datasheet
702Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HC245DWR TI1-SN74HC245DWR Datasheet
2Mb / 29P
[Old version datasheet]   Octal Bus Transceivers With 3-State Outputs
SN74HC245DWRE4 TI-SN74HC245DWRE4 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HC245DWRE4 TI-SN74HC245DWRE4 Datasheet
702Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HC245DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
SN74ALS620A TI-SN74ALS620A Datasheet
390Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
   Octal Bus Transceivers
logo
Texas Instruments
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74AHC245 UTC-U74AHC245_15 Datasheet
227Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54ALS245A TI1-SN54ALS245A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com