Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC05PWT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC05PWT
Description  Hex Inverters With Open-Drain Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC05PWT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HC05PWT Datasheet HTML 2Page - Texas Instruments SN74HC05PWT Datasheet HTML 3Page - Texas Instruments SN74HC05PWT Datasheet HTML 4Page - Texas Instruments SN74HC05PWT Datasheet HTML 5Page - Texas Instruments SN74HC05PWT Datasheet HTML 6Page - Texas Instruments SN74HC05PWT Datasheet HTML 7Page - Texas Instruments SN74HC05PWT Datasheet HTML 8Page - Texas Instruments SN74HC05PWT Datasheet HTML 9Page - Texas Instruments SN74HC05PWT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
10%
10%
90%
VCC
VOH
VOL
0 V
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
10%
10%
90%
VOH
VOL
tf
tPHL
tPLH
Out-of-Phase
Output
LOAD CIRCUIT
Test
Point
From Output
Under Test
CL = 50 pF
(see Note A)
VCC
RL = 1 kΩ
VOLTAGE WAVEFORM
INPUT RISE AND FALL TIMES
50%
50%
10%
10%
90%
90%
VCC
0 V
tr
tf
Input
Temperature
-100
-50
0
50
100
150
11.5
12
12.5
13
13.5
14
14.5
D001
VCC
0
2
4
6
8
0
10
20
30
40
50
60
70
D002
SN54HC05, SN74HC05
SCLS080E – FEBRUARY 2015 – REVISED MARCH 2015
www.ti.com
6.8 Typical Characteristics
Figure 1. TPD vs. Temperature at 4.5 V, 25°C
Figure 2. TPD vs. VCC at 25°C
7 Parameter Measurement Information
A.
CL includes probe and test-fixture capacitance.
B.
Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having
the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C.
The outputs are measured one at a time with one input transition per measurement.
Figure 3. Load Circuit and Voltage Waveforms
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: SN54HC05 SN74HC05


Similar Part No. - SN74HC05PWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC05PWT TI-SN74HC05PWT Datasheet
624Kb / 16P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN74HC05PWTE4 TI-SN74HC05PWTE4 Datasheet
624Kb / 16P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN74HC05PWTG4 TI-SN74HC05PWTG4 Datasheet
624Kb / 16P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74HC05PWT

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
   Hex Inverters (with Open Drain Outputs)
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com