Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC595DBRE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC595DBRE4
Description  8-Bit Shift Registers With 3-State Output Registers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC595DBRE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74HC595DBRE4 Datasheet HTML 1Page - Texas Instruments SN74HC595DBRE4 Datasheet HTML 2Page - Texas Instruments SN74HC595DBRE4 Datasheet HTML 3Page - Texas Instruments SN74HC595DBRE4 Datasheet HTML 4Page - Texas Instruments SN74HC595DBRE4 Datasheet HTML 5Page - Texas Instruments SN74HC595DBRE4 Datasheet HTML 6Page - Texas Instruments SN74HC595DBRE4 Datasheet HTML 7Page - Texas Instruments SN74HC595DBRE4 Datasheet HTML 8Page - Texas Instruments SN74HC595DBRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
SN54HC595, SN74HC595
SCLS041I – DECEMBER 1982 – REVISED SEPTEMBER 2015
www.ti.com
6 Pin Configuration and Functions
D, N, NS, J, DB, or PW Package
FK Package
16-Pin SOIC, PDIP, SO, CDIP, SSOP, or TSSOP
20-Pin LCCC
Top View
Top View
Pin Functions
PIN
SOIC,
PDIP, SO,
I/O
DESCRIPTION
NAME
CDIP,
LCCC
SSOP, or
TSSOP
GND
8
10
Ground Pin
OE
13
17
I
Output Enable
QA
15
19
O
QA Output
QB
1
2
O
QB Output
QC
2
3
O
QC Output
QD
3
4
O
QD Output
QE
4
5
O
QE Output
QF
5
7
O
QF Output
QG
6
8
O
QG Output
QH
7
9
O
QH Output
QH'
9
12
O
QH' Output
RCLK
12
14
I
RCLK Input
SER
14
18
I
SER Input
SRCLK
11
14
I
SRCLK Input
SRCLR
10
13
I
SRCLR Input
1
16
NC
No Connection
11
16
VCC
20
Power Pin
4
Submit Documentation Feedback
Copyright © 1982–2015, Texas Instruments Incorporated
Product Folder Links: SN54HC595 SN74HC595


Similar Part No. - SN74HC595DBRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC595DBRE4 TI-SN74HC595DBRE4 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595DBRE4 TI-SN74HC595DBRE4 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - SN74HC595DBRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595 Datasheet
163Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com