Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC245DW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC245DW
Description  Octal Bus Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC245DW Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC245DW Datasheet HTML 1Page - Texas Instruments SN74HC245DW Datasheet HTML 2Page - Texas Instruments SN74HC245DW Datasheet HTML 3Page - Texas Instruments SN74HC245DW Datasheet HTML 4Page - Texas Instruments SN74HC245DW Datasheet HTML 5Page - Texas Instruments SN74HC245DW Datasheet HTML 6Page - Texas Instruments SN74HC245DW Datasheet HTML 7Page - Texas Instruments SN74HC245DW Datasheet HTML 8Page - Texas Instruments SN74HC245DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
DIR
OE
A1
B1
1
2
18
19
To Seven Other Channels
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54HC245, SN74HC245
SCLS131E – DECEMBER 1982 – REVISED SEPTEMBER 2015
SNx4HC245 Octal Bus Transceivers With 3-State Outputs
1 Features
3 Description
These octal bus transceivers are designed for
1
Wide Operating Voltage Range of 2 V to 6 V
asynchronous two-way communication between data
High-Current 3-State Outputs Drive Bus Lines
buses. The control-function implementation minimizes
Directly or Up to 15 LSTTL Loads
external timing requirements.
Low Power Consumption, 80-
μA Max ICC
The devices allow data transmission from the A bus
Typical tpd = 12 ns
to the B bus or from the B bus to the A bus,
±6-mA Output Drive at 5 V
depending on the logic level at the direction-control
(DIR) input. The output-enable (OE) input can be
Low Input Current of 1
μA Max
used to disable the device so that the buses are
On Products Compliant to MIL-PRF-38535,
effectively isolated.
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Device Information
Processing Does Not Necessarily Include Testing
PART NUMBER
PACKAGE
BODY SIZE (NOM)
of All Parameters.
SSOP (20)
7.20 mm × 5.30 mm
SOIC (20)
12.80 mm × 7.50 mm
2 Applications
SNx4HC245
PDIP (20)
24.33 mm × 6.35 mm
Servers
SOP (20)
12.60 mm × 5.30 mm
PCs and Notebooks
TSSOP (20)
6.50 mm × 4.40 mm
Network Switches
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Wearable Health and Fitness Devices
Telecom Infrastructures
Electronic Points of Sale
Logic Diagram (Positive Logic)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HC245DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC245DW TI-SN74HC245DW Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HC245DW TI-SN74HC245DW Datasheet
702Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HC245DW TI1-SN74HC245DW Datasheet
2Mb / 29P
[Old version datasheet]   Octal Bus Transceivers With 3-State Outputs
SN74HC245DWE4 TI-SN74HC245DWE4 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HC245DWE4 TI-SN74HC245DWE4 Datasheet
702Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HC245DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
SN74ALS620A TI-SN74ALS620A Datasheet
390Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
   Octal Bus Transceivers
logo
Texas Instruments
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74AHC245 UTC-U74AHC245_15 Datasheet
227Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54ALS245A TI1-SN54ALS245A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com