Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54AHC540W Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54AHC540W
Description  Octal Buffers/Drivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54AHC540W Datasheet(HTML) 3 Page - Texas Instruments

  SNJ54AHC540W Datasheet HTML 1Page - Texas Instruments SNJ54AHC540W Datasheet HTML 2Page - Texas Instruments SNJ54AHC540W Datasheet HTML 3Page - Texas Instruments SNJ54AHC540W Datasheet HTML 4Page - Texas Instruments SNJ54AHC540W Datasheet HTML 5Page - Texas Instruments SNJ54AHC540W Datasheet HTML 6Page - Texas Instruments SNJ54AHC540W Datasheet HTML 7Page - Texas Instruments SNJ54AHC540W Datasheet HTML 8Page - Texas Instruments SNJ54AHC540W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE1
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE2
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
Y1
Y2
Y3
Y4
Y5
A3
A4
A5
A6
A7
SN54AHC540, SN74AHC540
www.ti.com
SCLS260L – DECEMBER 1995 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
SN54AHC540: J or W Package; SN74AHC540: DB, DGV, DW,
SN54AHC540: FK Package
N, NS, or PW Package
20-Pin LCCC
SN54AHC540: 20-Pin CDIP or CFP; SN74AHC540: 20-Pin
Top View
SSOP, TVSOP, SOIC, PDIP, PDIP, or TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
OE1
I
Output Enable 1
2
A1
I
A1 Input
3
A2
I
A2 Input
4
A3
I
A3 Input
5
A4
I
A4 Input
6
A5
I
A5 Input
7
A6
I
A6 Input
8
A7
I
A7 Input
9
A8
I
A8 Input
10
GND
Ground
11
Y8
O
Y8 Output
12
Y7
O
Y7 Output
13
Y6
O
Y6 Output
14
Y5
O
Y5 Output
15
Y4
O
Y4 Output
16
Y3
O
Y3 Output
17
Y2
O
Y2 Output
18
Y1
O
Y1 Output
19
OE2
I
Output Enable 2
20
VCC
Power Pin
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54AHC540 SN74AHC540


Similar Part No. - SNJ54AHC540W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54AHC540W TI-SNJ54AHC540W Datasheet
830Kb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54AHC540W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVCH244A TI-SN54LVCH244A_07 Datasheet
665Kb / 23P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS OCTAL BUFFERS/DRIVERS
SN54ALS241C TI1-SN54ALS241C_16 Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
SN54F244 TI1-SN54F244_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
SN74AHC541 TI1-SN74AHC541_15 Datasheet
1Mb / 29P
[Old version datasheet]   Octal Buffers/Drivers
logo
Maxwell Technologies
54BCT244 MAXWELL-54BCT244 Datasheet
186Kb / 9P
   Octal Buffers/Drivers
logo
Texas Instruments
SN74LV244A TI1-SN74LV244A_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal Buffers and Drivers
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com