Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC594DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC594DR
Description  8-Bit Shift Registers With Output Registers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC594DR Datasheet(HTML) 5 Page - Texas Instruments

  SN74HC594DR Datasheet HTML 1Page - Texas Instruments SN74HC594DR Datasheet HTML 2Page - Texas Instruments SN74HC594DR Datasheet HTML 3Page - Texas Instruments SN74HC594DR Datasheet HTML 4Page - Texas Instruments SN74HC594DR Datasheet HTML 5Page - Texas Instruments SN74HC594DR Datasheet HTML 6Page - Texas Instruments SN74HC594DR Datasheet HTML 7Page - Texas Instruments SN74HC594DR Datasheet HTML 8Page - Texas Instruments SN74HC594DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SN54HC594, SN74HC594
www.ti.com
SCLS040G – DECEMBER 1982 – REVISED MARCH 2015
6.4 Thermal Information
SN74HC594
THERMAL METRIC(1)
N (PDIP)
D (SOIC)
DW (SOIC)
UNIT
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
41.3
72.3
71
RθJC(top)
Junction-to-case (top) thermal resistance
28
33.2
32.3
RθJB
Junction-to-board thermal resistance
21.3
29.9
35.9
°C/W
ψJT
Junction-to-top characterization parameter
12.6
5.3
6.7
ψJB
Junction-to-board characterization parameter
21.1
29.6
35.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
SN54HC594(1)
SN74HC594
SN74HC594
TA = 25°C
–55°C to 125°C
–40°C to 85°C
–40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
2 V
1.9
1.998
1.9
1.9
1.9
IOH = –20 µA
4.5 V
4.4
4.499
4.4
4.4
4.4
6 V
5.9
5.999
5.9
5.9
5.9
QH’
IOH = –4 mA
3.98
4.3
3.7
3.84
3.84
VI = VIH
4.5 V
VOH
V
or VIL
QA – QH
IOH = –6 mA
3.98
4.3
3.7
3.84
3.84
IOH = –5.2
QH’
5.48
5.8
5.2
5.34
5.34
mA
6 V
IOH = –7.8
QA – QH
5.48
5.8
5.2
5.34
5.34
mA
2 V
0.002
0.1
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
0.1
6 V
0.001
0.1
0.1
0.1
0.1
QH’
IOL = 4 mA
0.17
0.26
0.4
0.33
0.33
VI = VIH
4.5 V
VOL
V
or VIL
QA – QH
IOL = 6 mA
0.17
0.26
0.4
0.33
0.33
IOL = 5.2
QH’
0.15
0.26
0.4
0.33
0.33
mA
6 V
IOL = 7.8
QA – QH
0.15
0.26
0.4
0.33
0.33
mA
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
±1000
nA
VI = VCC
ICC
IO = 0
6 V
8
160
80
80
µA
or 0,
2 V to
Ci
3
10
10
10
pF
6 V
(1)
Product Preview
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
SN74HC594


Similar Part No. - SN74HC594DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC594DR TI1-SN74HC594DR Datasheet
946Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74HC594DRE4 TI1-SN74HC594DRE4 Datasheet
946Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74HC594DRG4 TI1-SN74HC594DRG4 Datasheet
946Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

Similar Description - SN74HC594DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com