Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC05D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC05D
Description  Hex Inverters With Open-Drain Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC05D Datasheet(HTML) 3 Page - Texas Instruments

  SN74HC05D Datasheet HTML 1Page - Texas Instruments SN74HC05D Datasheet HTML 2Page - Texas Instruments SN74HC05D Datasheet HTML 3Page - Texas Instruments SN74HC05D Datasheet HTML 4Page - Texas Instruments SN74HC05D Datasheet HTML 5Page - Texas Instruments SN74HC05D Datasheet HTML 6Page - Texas Instruments SN74HC05D Datasheet HTML 7Page - Texas Instruments SN74HC05D Datasheet HTML 8Page - Texas Instruments SN74HC05D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54HC05, SN74HC05
www.ti.com
SCLS080E – FEBRUARY 2015 – REVISED MARCH 2015
5 Pin Configuration and Functions
SN74HC05: D, N, NS, or PW Package, 14-Pin SOIC, PDIP, SOP,
SN54HC05: FK Package
or TSSOP
20-Pin LCCC
SN54HC05: J or W Package, 19-Pin CDIP or CFP
(Top View)
(Top View)
NC – No internal connection
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
LCCC NO.
1A
1
2
I
Input 1
1Y
2
3
O
Output 1
2A
3
4
I
Input 2
2Y
4
6
O
Output 2
3A
5
8
I
Input 3
3Y
6
9
O
Output 3
GND
7
10
Ground pin
4A
9
13
I
Input 4
4Y
8
12
O
Output 4
5A
11
16
I
Input 5
5Y
10
14
O
Output 5
6A
13
19
I
Input 6
6Y
12
18
O
Output 6
1, 5, 7, 11,
NC
No connect
15, 17
VCC
14
20
Power pin
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54HC05 SN74HC05


Similar Part No. - SN74HC05D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC05D TI-SN74HC05D Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN74HC05D TI-SN74HC05D Datasheet
624Kb / 16P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN74HC05DBR TI-SN74HC05DBR Datasheet
624Kb / 16P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN74HC05DBRE4 TI-SN74HC05DBRE4 Datasheet
624Kb / 16P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN74HC05DBRG4 TI-SN74HC05DBRG4 Datasheet
624Kb / 16P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74HC05D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
   Hex Inverters (with Open Drain Outputs)
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com