Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB20954 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # PEB20954
Description  ICs for Communications
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB20954 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button PEB20954 Datasheet HTML 7Page - Infineon Technologies AG PEB20954 Datasheet HTML 8Page - Infineon Technologies AG PEB20954 Datasheet HTML 9Page - Infineon Technologies AG PEB20954 Datasheet HTML 10Page - Infineon Technologies AG PEB20954 Datasheet HTML 11Page - Infineon Technologies AG PEB20954 Datasheet HTML 12Page - Infineon Technologies AG PEB20954 Datasheet HTML 13Page - Infineon Technologies AG PEB20954 Datasheet HTML 14Page - Infineon Technologies AG PEB20954 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
PEB 20954
PEF 20954
Introduction
Preliminary Data Sheet
11
04.99
Figure 4
SIDEC in a Private Branch Exchange (PBX)
SIDEC can be used in a PBX or Central Office (CO) to cancel the echo next to the
customer side (near end echo). The echo delay is kept short. The delay for this
application is usually less than 64ms and the SIDEC can cancel up to 32 channels.
Figure 4 shows a PBX with a T1/E1 interface FALC LH to the CO on the one side. On
the other side analog phones are connected.
A possible SIEMENS solution with the SICOFI (includes D/A and A/D conversion) and
the SLIC (hybrid) to connect the analog phone is shown above.
E1/T1
POTS:
FALC:
PBX:
SICOFI:
SLIC:
Plain Old Telephone Service
Frame and Line Interface Component
Private Branch eXchange
Signal Processing Codec Filter
Subscriber Line Interface Circuit
POTS
POTS
PCM30
PBX
SLIC
2 wires
4 wires
POTS
POTS
POTS
POTS
SICOFI
(CODEC)
SICOFI
(CODEC)
PEB 2466
PEB 2466
FALC
LH
PCM30
PEB 2255
Echo
SIDEC
SLIC
SLIC
SLIC
SLIC
SLIC


Similar Part No. - PEB20954

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20954 INFINEON-PEB20954 Datasheet
2Mb / 164P
   Smart Integrated Digital Echo Canceller
Rev. 2, July 2004
More results

Similar Description - PEB20954

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com