Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB20542 Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # PEB20542
Description  2 Channel Serial Optimized Communication Controller with DMA
Download  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB20542 Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button PEB20542 Datasheet HTML 60Page - Infineon Technologies AG PEB20542 Datasheet HTML 61Page - Infineon Technologies AG PEB20542 Datasheet HTML 62Page - Infineon Technologies AG PEB20542 Datasheet HTML 63Page - Infineon Technologies AG PEB20542 Datasheet HTML 64Page - Infineon Technologies AG PEB20542 Datasheet HTML 65Page - Infineon Technologies AG PEB20542 Datasheet HTML 66Page - Infineon Technologies AG PEB20542 Datasheet HTML 67Page - Infineon Technologies AG PEB20542 Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 300 page
background image
PEB 20542
PEF 20542
Functional Overview
Data Sheet
64
2000-09-14
3.2.3.7
Clock Mode 5b (Octet Sync Mode)
This operation mode has been designed for applications using Octet Synchronous PPP.
It is based on clock mode 5a, but only 8-bit (octet) wide time slot operation is supported,
i.e. bits TTSA1.TEPCM and RTSA1.REPCM must be set to ’1’. Clock mode 5b provides
octet alignment to time slots if Octet Synchronous PPP protocol mode or extended
transparent mode is selected.
Note: For correct operation NRZ data coding/encoding should be used.
The receive and transmit clocks are separate and must be supplied at pins RxCLK and
TxCLK. The SCC receives and transmits only during fixed octet wide time-slots of
programmable location with respect to the octet synchronization signals (via pins OSR
and OST)
The time-slot locations can be programmed independently for receive and transmit
direction via registers TTSA0..TTSA3 / RTSA0..RTSA3 and PCMTX0..PCMTX3 /
PCMRX0..PCMRX3.
Figure 23 shows how to select one or more octet wide time-slots.
Bit ’TSCM’ in register CCR1H determines whether the internal counters are continuously
running even if no synchronization pulse is detected at OST/OSR signals or stopping at
their maximum value.
In the continuous case the repetition rate of operation is 1024 transmit or receive clocks
respectively. An OST/OSR pulse detected earlier resets the corresponding offset
counter and starts operation again.
In the non-continuous case the transmit/receive time slot assigner offset counter is
stopped after the counter reached its maximum value and is started again if an OST/
OSR pulse is detected.


Similar Part No. - PEB20542

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2054 SIEMENS-PEB2054 Datasheet
1Mb / 269P
   ICs for Communications
More results

Similar Description - PEB20542

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20532 INFINEON-PEB20532 Datasheet
3Mb / 282P
   2 Channel Serial Optimized Communication Controller
Version 1.2 Sep. 2000
PEB20534 INFINEON-PEB20534 Datasheet
4Mb / 439P
   DMA Supported Serial Communication Controller with 4 Channels
Version 2.1 May 2000
PEB20525 INFINEON-PEB20525 Datasheet
3Mb / 252P
   2 Channel Serial Optimized Communication Controller for HDLC/PPP
Version 1.2 Sep. 2000
PEB20550HV1.3 INFINEON-PEB20550HV1.3 Datasheet
3Mb / 252P
   2 Channel Serial Optimized Communication Controller for HDLC/PPP
DS 1, Sep. 2000
logo
Siemens Semiconductor G...
PEB20534 SIEMENS-PEB20534 Datasheet
1Mb / 442P
   DMA Supported Serial Communication Controller with 4 Channels DSCC4
logo
NEC
UPD71071 NEC-UPD71071 Datasheet
1Mb / 37P
   DMA Controller
logo
Zilog, Inc.
Z80230 ZILOG-Z80230 Datasheet
103Kb / 12P
   ESCC??ENHANCED SERIAL COMMUNICATION CONTROLLER
logo
Texas Instruments
USBN9603-28MX TI-USBN9603-28MX Datasheet
454Kb / 62P
[Old version datasheet]   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
National Semiconductor ...
USBN9603 NSC-USBN9603 Datasheet
560Kb / 60P
   Universal Serial Bus Full Speed Function Controller with Enhanced DMA Support
USBN9602 NSC-USBN9602 Datasheet
253Kb / 45P
   USBN9602 (Universal Serial Bus) Full Speed Function Controller With DMA Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com