Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER506G Datasheet(PDF) 1 Page - Frontier Electronics.

Part # HER506G
Description  5A ULTRA FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

HER506G Datasheet(HTML) 1 Page - Frontier Electronics.

  HER506G Datasheet HTML 1Page - Frontier Electronics. HER506G Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER501G THRU HER508G SPECIFICATIONS
Rev. A
Frontier Electronics Corp.®
http://frontierusa.com/
1
667 E. Cochran St., Simi Valley, CA 93065
Phone: 1-805-522-9998, Fax: 1-805-522-9989
1.
2. LOW LEAKAGE
3. LOW FORWARD VOLTAGE DROP
4. HIGH SURGE CURRENT CAPABILITY
5. ULTRA FAST SWITCHING
6. CASE: MOLDED PLASTIC, DO-201AD
7. POLARITY: INDICATED BY CATHODE BAND
8. WEIGHT: 1.2 GRAMS
9. LEADS: SOLDERABILITY PER MIL-STD-202 METHOD 208
10. PULLING TEST: 2.3 KG
11. RoHS
5A ULTRA FAST RECOVERY RECTIFIER
PRODUCT FEATURES
FLAMMABILITY CLASSIFICATION: 94V-0
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT 0.375”(9.5mm) LEAD LENGTH @ TA=50°C
IO
5
A
PEAK FWD SURGE CURRENT, 8.3ms HALF SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
200
A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25°C AMBIENT TEMPERATURE UNLESS OTHERWISE
SPECIFIED STORAGE AND OPERATING TEMPERATURE RANGE -55°C TO +150°C. SINGLE PHASE, HALF WAVE, 60 HZ,
RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%.
RATINGS
SYMBOL
VALUE
UNITS
MAXIMUM REVERSE CURRENT @ 100
IR
100
uA
1. Cj MEASURED @ 1 MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 63.5×63.5×1t(mm) COPPER PLATE @ LEAD LENGTH 5mm
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
15
℃/W
MAXIMUM REVERSE CURRENT @ 25
IR
5
uA
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
4. MAXIMUM FORWARD VOLTAGE @ Io DC
PART NUMBER
MAX RECURRENT PEAK
REV VOLTAGE VRRM (V)
MAX RMS
VOLTAGE VRMS
(V)
MAX DC
BLOCKING
VOLTAGE VDC
(V)
MAX FWD
VOLTAGE VF (V)
TYPICAL CAP.
CJ (PF)
MAX REVERSE
RECOVERY
TIME TRR (nS)
50
HER502G
100
70
100
1.0
70
50
HER501G
50
35
50
1.0
70
50
HER504G
300
210
300
1.3
70
50
HER503G
200
140
200
1.0
70
50
HER506G
600
420
600
1.85
50
75
HER505G
400
280
400
1.3
70
75
HER508G
1000
700
1000
1.85
50
75
HER507G
800
560
800
1.85
50


Similar Part No. - HER506G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HER506G ETC-HER506G Datasheet
142Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Yangzhou yangjie electr...
HER506G YANGJIE-HER506G Datasheet
188Kb / 2P
   High Efficient Rectifier
logo
Taiwan Semiconductor Co...
HER506G TSC-HER506G Datasheet
269Kb / 2P
   5.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Guangdong Juxing Electr...
HER506G JUXING-HER506G Datasheet
837Kb / 2P
   Ultra Fast Rectifiers
logo
UNIOHM CORPORATION
HER506G UNIOHM-HER506G Datasheet
69Kb / 2P
   5.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER506G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDU540 DIODES-PDU540 Datasheet
143Kb / 4P
   5A ULTRA-FAST RECOVERY RECTIFIER
DS30759 Rev. 2 - 2
logo
Frontier Electronics.
HER501 FRONTIER-HER501 Datasheet
129Kb / 2P
   5A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PDU540 DIODES-PDU540_16 Datasheet
487Kb / 6P
   5A ULTRA-FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
UF50-005 FRONTIER-UF50-005 Datasheet
130Kb / 2P
   5A ULTRA FAST RECOVERY RECTIFIER
HER501-LFR FRONTIER-HER501-LFR Datasheet
129Kb / 2P
   5A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
UF5GD1 DIODES-UF5GD1 Datasheet
376Kb / 5P
   5A SURFACE MOUNT ULTRA-FAST RECOVERY RECTIFIER
PDU540 DIODES-PDU540_15 Datasheet
128Kb / 4P
   5A ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
UF5JD1 DIODES-UF5JD1 Datasheet
331Kb / 6P
   5A SURFACE MOUNT ULTRA-FAST RECOVERY RECTIFIER
UF5A600D1 DIODES-UF5A600D1 Datasheet
87Kb / 4P
   5A ULTRA-FAST RECTIFIER
UF5A400D1 DIODES-UF5A400D1_15 Datasheet
181Kb / 5P
   5A ULTRA-FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com