Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB20534 Datasheet(PDF) 88 Page - Infineon Technologies AG

Part # PEB20534
Description  DMA Supported Serial Communication Controller with 4 Channels
Download  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB20534 Datasheet(HTML) 88 Page - Infineon Technologies AG

Back Button PEB20534 Datasheet HTML 84Page - Infineon Technologies AG PEB20534 Datasheet HTML 85Page - Infineon Technologies AG PEB20534 Datasheet HTML 86Page - Infineon Technologies AG PEB20534 Datasheet HTML 87Page - Infineon Technologies AG PEB20534 Datasheet HTML 88Page - Infineon Technologies AG PEB20534 Datasheet HTML 89Page - Infineon Technologies AG PEB20534 Datasheet HTML 90Page - Infineon Technologies AG PEB20534 Datasheet HTML 91Page - Infineon Technologies AG PEB20534 Datasheet HTML 92Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 439 page
background image
PEB 20534
PEF 20534
DMA Controller and Central FIFOs
Data Sheet
88
2000-05-30
0034
H
r/w
CPU
00000000
H
FIFOCR4:
FIFO Control Register 4
Bit-Fields
Pos.
Name
Default
Description
31..24,
23..16,
15..8,
7..0
TFF
THRESH0,
TFF
THRESH1,
TFF
THRESH2,
TFF
THRESH3,
0,
0,
0,
0
Transmit FIFO Forward Threshold i
(i=0..3)
Transmit FIFO Forward Threshold for
corresponding channel i in DWORDs. A
watermark is calculated by:
watermark = TFFTHRESHi
As soon as the number of valid data
belonging to a new frame in the transmit
FIFO is greater than the watermark, the
DMAC will provide transmit data to the
corresponding
SCC.
Once
having
started a frame the DMAC will ignore this
threshold providing all available data to
the SCC. Threshold operation starts
again with the beginning of a new frame.
Frames shorter than the threshold will be
transferred as soon as a frame end
indication is detected by the DMAC.
Note: The maximum allowed Transmit
FIFO Forward Threshold is:
TFFTHRESHi = (TFSIZEi * 4) - 1
Note: Programming
TFFTHRESHi
to
zero will disable the threshold
causing the DMAC to transfer all
data immediately. This may be
useful with non packet oriented
data e.g. in ASYNC
protocol
mode.
Table 16
Central FIFO Control Registers (cont’d)
Offset
Addr.
Access
Type
Controlled
by
Reset
Value
Register Name


Similar Part No. - PEB20534

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB20534 SIEMENS-PEB20534 Datasheet
1Mb / 442P
   DMA Supported Serial Communication Controller with 4 Channels DSCC4
PEB20534H-10 SIEMENS-PEB20534H-10 Datasheet
1Mb / 442P
   DMA Supported Serial Communication Controller with 4 Channels DSCC4
PEB20534H-52 SIEMENS-PEB20534H-52 Datasheet
1Mb / 442P
   DMA Supported Serial Communication Controller with 4 Channels DSCC4
More results

Similar Description - PEB20534

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB20534 SIEMENS-PEB20534 Datasheet
1Mb / 442P
   DMA Supported Serial Communication Controller with 4 Channels DSCC4
logo
Infineon Technologies A...
PEB20542 INFINEON-PEB20542 Datasheet
3Mb / 300P
   2 Channel Serial Optimized Communication Controller with DMA
Version 1.2 Sep. 2000
logo
Zilog, Inc.
Z8S18020VSG ZILOG-Z8S18020VSG Datasheet
2Mb / 71P
   Two Chain-Linked DMA Channels
logo
NEC
UPD71071 NEC-UPD71071 Datasheet
1Mb / 37P
   DMA Controller
logo
Zilog, Inc.
Z80230 ZILOG-Z80230 Datasheet
103Kb / 12P
   ESCC??ENHANCED SERIAL COMMUNICATION CONTROLLER
logo
Texas Instruments
USBN9603-28MX TI-USBN9603-28MX Datasheet
454Kb / 62P
[Old version datasheet]   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
National Semiconductor ...
USBN9603 NSC-USBN9603 Datasheet
560Kb / 60P
   Universal Serial Bus Full Speed Function Controller with Enhanced DMA Support
USBN9602 NSC-USBN9602 Datasheet
253Kb / 45P
   USBN9602 (Universal Serial Bus) Full Speed Function Controller With DMA Support
logo
NEC
UPD8257 NEC-UPD8257 Datasheet
608Kb / 11P
   PROGRAMMABLE DMA CONTROLLER
logo
Toshiba Semiconductor
TMP82C37A TOSHIBA-TMP82C37A Datasheet
1Mb / 65P
   MULTIMODE DMA CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com