Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH16L06C-Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH16L06C-Y
Description  Automotive turbo 2 ultrafast high voltage rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH16L06C-Y Datasheet(HTML) 5 Page - STMicroelectronics

  STTH16L06C-Y Datasheet HTML 1Page - STMicroelectronics STTH16L06C-Y Datasheet HTML 2Page - STMicroelectronics STTH16L06C-Y Datasheet HTML 3Page - STMicroelectronics STTH16L06C-Y Datasheet HTML 4Page - STMicroelectronics STTH16L06C-Y Datasheet HTML 5Page - STMicroelectronics STTH16L06C-Y Datasheet HTML 6Page - STMicroelectronics STTH16L06C-Y Datasheet HTML 7Page - STMicroelectronics STTH16L06C-Y Datasheet HTML 8Page - STMicroelectronics STTH16L06C-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DocID026936 Rev 2
5/9
STTH16L06C-Y
Characteristics
9
Figure 7. Relative variations of dynamic
parameters versus junction temperature
Figure 8. Transient peak forward voltage versus
dI
F/dt (typical values, per diode)
Figure 9. Forward recovery time versus dI
F/dt
(typical values, per diode)
Figure 10. Junction capacitance versus reverse
voltage applied (typical values, per diode)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
IRM
QRR
trr
S factor
T (°C)
j
I=I
Reference: T =125°C
F
F(AV)
j
V =400V
R
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0
50
100
150
200
250
300
350
400
450
500
V
(V)
FP
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
0
20
40
60
80
100
120
140
160
180
0
100
200
300
400
500
t (ns)
fr
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
V
=1.1 x V max.
FR
F
1
10
100
1
10
100
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j


Similar Part No. - STTH16L06C-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH16L06C STMICROELECTRONICS-STTH16L06C Datasheet
106Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH16L06CFP STMICROELECTRONICS-STTH16L06CFP Datasheet
106Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
logo
Inchange Semiconductor ...
STTH16L06CFP ISC-STTH16L06CFP Datasheet
254Kb / 2P
   Ultra fast Rectifier
logo
STMicroelectronics
STTH16L06CG STMICROELECTRONICS-STTH16L06CG Datasheet
106Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
logo
Inchange Semiconductor ...
STTH16L06CG ISC-STTH16L06CG Datasheet
365Kb / 2P
   Ultra fast Rectifier
More results

Similar Description - STTH16L06C-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1R06-Y STMICROELECTRONICS-STTH1R06-Y Datasheet
237Kb / 9P
   Automotive Turbo 2 ultrafast high voltage rectifier
STTH60RQ06-Y STMICROELECTRONICS-STTH60RQ06-Y Datasheet
216Kb / 10P
   Automotive turbo 2 ultrafast high voltage rectifier
April 2018 Rev 2
STTH3R06-Y STMICROELECTRONICS-STTH3R06-Y Datasheet
237Kb / 9P
   Automotive Turbo 2 ultrafast high voltage rectifier
STTH3L06-Y STMICROELECTRONICS-STTH3L06-Y Datasheet
238Kb / 9P
   Automotive Turbo 2 ultrafast high voltage rectifier
August 2014 Rev 1
STTH30RQ06-Y STMICROELECTRONICS-STTH30RQ06-Y Datasheet
539Kb / 17P
   Automotive turbo 2 ultrafast high voltage rectifier
November 2018
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2002 - Ed: 3B
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com