Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS15L45C-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS15L45C-Y
Description  Automotive low drop power Schottky rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS15L45C-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STPS15L45C-Y Datasheet HTML 1Page - STMicroelectronics STPS15L45C-Y Datasheet HTML 2Page - STMicroelectronics STPS15L45C-Y Datasheet HTML 3Page - STMicroelectronics STPS15L45C-Y Datasheet HTML 4Page - STMicroelectronics STPS15L45C-Y Datasheet HTML 5Page - STMicroelectronics STPS15L45C-Y Datasheet HTML 6Page - STMicroelectronics STPS15L45C-Y Datasheet HTML 7Page - STMicroelectronics STPS15L45C-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
July 2015
Doc ID018565 Rev 2
1/8
STPS15L45C-Y
Automotive low drop power Schottky rectifier
Datasheet
- production data
Features
• Very small conduction losses
• Negligible switching losses
• Extremely fast switching
• Low forward voltage drop
• Avalanche capability specified
• AEC-Q101 qualified
Description
Dual center tab Schottky rectifier suited for Switch
Mode Power Supply and high frequency DC to
DC converters.
Package in DPAK, this device is intended for use
in low voltage, high frequency inverters, free-
wheeling and polarity protection for automotive
application.
Table 1. Device summary
Symbol
Value
IF(AV)
2 x 7.5 A
VRRM
45 V
Tj (max.)
150 °C
Vf (max.)
0.46 V
www.st.com


Similar Part No. - STPS15L45C-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS15L45C STMICROELECTRONICS-STPS15L45C Datasheet
244Kb / 8P
   Low drop power Schottky rectifier
December 2015 Rev 4
STPS15L45CB STMICROELECTRONICS-STPS15L45CB Datasheet
66Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
STPS15L45CB ISC-STPS15L45CB Datasheet
273Kb / 2P
   Schottky Barrier Rectifier
logo
STMicroelectronics
STPS15L45CB STMICROELECTRONICS-STPS15L45CB Datasheet
244Kb / 8P
   Low drop power Schottky rectifier
December 2015 Rev 4
STPS15L45CB-TR STMICROELECTRONICS-STPS15L45CB-TR Datasheet
66Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results

Similar Description - STPS15L45C-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2L60ZFY STMICROELECTRONICS-STPS2L60ZFY Datasheet
308Kb / 8P
   Automotive low drop power Schottky rectifier
October 2016 Rev 2
STPS41H100C-Y STMICROELECTRONICS-STPS41H100C-Y Datasheet
109Kb / 7P
   Automotive low drop power Schottky rectifier
STPS1L40AY STMICROELECTRONICS-STPS1L40AY Datasheet
113Kb / 9P
   Automotive low drop power Schottky rectifier
STPS8L30-Y STMICROELECTRONICS-STPS8L30-Y Datasheet
130Kb / 8P
   Automotive low drop power Schottky rectifier
July 2013 Rev 1
STPS2L40ZFY STMICROELECTRONICS-STPS2L40ZFY Datasheet
308Kb / 8P
   Automotive low drop power Schottky rectifier
October 2016 Rev 1
STPS1L60-Y STMICROELECTRONICS-STPS1L60-Y Datasheet
308Kb / 8P
   Automotive low drop power Schottky rectifier
October 2016 Rev 2
STPS1L40-Y STMICROELECTRONICS-STPS1L40-Y Datasheet
113Kb / 9P
   Automotive low drop power Schottky rectifier
STPS61H100-Y STMICROELECTRONICS-STPS61H100-Y Datasheet
208Kb / 9P
   Automotive 100 V low drop power Schottky rectifier
July 2019 Rev 1
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com