Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB2084 Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # PEB2084
Description  ICs for Communications Extended PCM Interface Controller
Download  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2084 Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button PEB2084 Datasheet HTML 69Page - Infineon Technologies AG PEB2084 Datasheet HTML 70Page - Infineon Technologies AG PEB2084 Datasheet HTML 71Page - Infineon Technologies AG PEB2084 Datasheet HTML 72Page - Infineon Technologies AG PEB2084 Datasheet HTML 73Page - Infineon Technologies AG PEB2084 Datasheet HTML 74Page - Infineon Technologies AG PEB2084 Datasheet HTML 75Page - Infineon Technologies AG PEB2084 Datasheet HTML 76Page - Infineon Technologies AG PEB2084 Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 269 page
background image
PEB 2055
PEF 2055
Detailed Register Description
Semiconductor Group
73
4.2.5.3 Monitor/Feature Control Channel FIFO (MFFIFO)
Access in demultiplexed
µP-interface mode:
read/write
address: BH
OMDR:RBS = 0
Access in multiplexed
µP-interface mode:
read/write
address: 16H
Reset value: empty
The 16-byte bi-directional MFFIFO provides intermediate storage for data bytes to be
transmitted or received over the monitor or feature control channel.
MFD7..0
MF Data bits 7..0; MFD7 (MSB) is the first bit to be sent over the serial CFI,
MFD0 (LSB) the last.
Note: The byte n + 1 of an n-byte transmit message in monitor channel is not defined.
4.2.6
Status/Control Registers
4.2.6.1 Signaling FIFO (CIFIFO)
Access in demultiplexed
µP-interface mode:
read
address: CH
OMDR:RBS = 0
Access in multiplexed
µP-interface mode:
read
address: 18H
Reset value: 0xxxxxxxB
The 9 byte deep CIFIFO stores the addresses of CFI time slots in which a C/I and/or a
SIG value change has taken place. This address information can then be used to read
the actual C/I or SIG value from the control memory.
SBV
Signaling Byte Valid.
0… the SAD6..0 bits are invalid.
1… the SAD6..0 bits indicate a valid subscriber address. The polarity of SBV
is chosen such that the whole 8 bits of the CIFIFO can be copied to the
MAAR register in order to read the upstream C/I or SIG value from the
control memory.
SAD6..0
Subscriber Address bits 6..0; The CM address which corresponds to the CFI
time slot where a C/I or SIG value change has taken place is encoded in
these bits. For C/I channels SAD6..0 point to an even CM-address (C/I
value), for SIG channels SAD6..0 point to an odd CM-address (stable SIG
value).
bit 7
bit 0
MFD7
MFD6
MFD5
MFD4
MFD3
MFD2
MFD1
MFD0
bit 7
bit 0
SBV
SAD6
SAD5
SAD4
SAD3
SAD2
SAD1
SAD0


Similar Part No. - PEB2084

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2084 SIEMENS-PEB2084 Datasheet
1Mb / 72P
   Quadruple Transceiver for S/T Interface QUAT-S
logo
Pulse A Technitrol Comp...
PEB2084 PULSE-PEB2084 Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
Siemens Semiconductor G...
PEB2084H SIEMENS-PEB2084H Datasheet
1Mb / 72P
   Quadruple Transceiver for S/T Interface QUAT-S
More results

Similar Description - PEB2084

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com