Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBR04C100F5GAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # CBR04C100F5GAC
Description  Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 10 pF, /-1% Tol, 50 V, C0G, 0402 (1005 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CBR04C100F5GAC Datasheet(HTML) 1 Page - Kemet Corporation

  CBR04C100F5GAC Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 1/06/2016 - ec9ae386-ed48-4afc-a62e-20a21ec1128b
KEMET Part Number: CBR04C100F5GAC
Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 10 pF, +/-1% Tol, 50 V, C0G, 0402 (1005 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
1
+/-0.05
W
0.5
+/-0.05
T
0.5
+/-0.05
B
0.25
+0.05/-0.1
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Paper Tape
Package Quantity: 10000
General Information
Supplier: KEMET
Application: RF/Microwave
Chip Size: 0402 (1005 metric)
Temperature Coefficient: C0G
Part Type Description: SMD, Fixed, RF, Ultra High Q,
Low ESR, Class I
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 10 pF
Voltage: 50 V
Tolerance: +/-1%
Temperature Range: -55/+125C
Dissipation Factor: 0.167%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 10 GOhm
Dielectric Strength: 125 V
Miscellaneous: Minimum Q = 600
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - CBR04C100F5GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR04C100J1GAC KEMET-CBR04C100J1GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 10 pF, 5%, 100 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C100J5GAC KEMET-CBR04C100J5GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 10 pF, 5%, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C100J5GACAUTO KEMET-CBR04C100J5GACAUTO Datasheet
999Kb / 15P
   HiQ-CBR Automotive Series, C0G Dielectric, Low ESR, 50 VDC, 1 MHz – 50 GHz (RF & Microwave)
6/28/2022
More results

Similar Description - CBR04C100F5GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR04C150F5GAC KEMET-CBR04C150F5GAC Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 15 pF, /-1% Tol, 50 V, C0G, 0402 (1005 metric)
CBR04C180F5GAC KEMET-CBR04C180F5GAC Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 18 pF, /-1% Tol, 50 V, C0G, 0402 (1005 metric)
C0402C330F5GACTU KEMET-C0402C330F5GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 33 pF, /-1% Tol, 50 V, C0G, 0402 (1005 metric)
C0402C102F5GACTU KEMET-C0402C102F5GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1000 pF, /-1% Tol, 50 V, C0G, 0402 (1005 metric)
1/04/2016
C0402C510F5GACTU KEMET-C0402C510F5GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 51 pF, /-1% Tol, 50 V, C0G, 0402 (1005 metric)
C0402C681F5GACTU KEMET-C0402C681F5GACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 680 pF, /-1% Tol, 50 V, C0G, 0402 (1005 metric)
CBR04C109A5GAC KEMET-CBR04C109A5GAC Datasheet
59Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 1 pF, /-0.05 pF, 50 V, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0402
CBR04C109B5GAC KEMET-CBR04C109B5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 1 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C270F5GAC KEMET-CBR04C270F5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 27 pF, 1%, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C360F5GAC KEMET-CBR04C360F5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 36 pF, 1%, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com