Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDM300PS36-F Datasheet(PDF) 4 Page - XP Power Limited

Part # SDM300PS36-F
Description  Medical Approvals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDM300PS36-F Datasheet(HTML) 4 Page - XP Power Limited

  SDM300PS36-F Datasheet HTML 1Page - XP Power Limited SDM300PS36-F Datasheet HTML 2Page - XP Power Limited SDM300PS36-F Datasheet HTML 3Page - XP Power Limited SDM300PS36-F Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
02-Dec-13
SDM300
Application Notes
Connectors
Remote On/Off (INH)
Fan Fail (FF)
Power Good (PG)
Thermal Considerations
U Channel
Terminal block
3 pins 0.25
(6.35) center
HD-601-3P
INPUT CONNECTORS
Standard
Option ‘G’
NEUTRAL
FG
LINE
CN1
Mating JST part no.
VHR-5N or equivalent
(5 pin, 3 used)
Crimp contacts for JST
VHR Series:
SVH-21T-P1.1 - 22~18awg
SVH-41T-P1.1 - 20~16awg
CN2
CN2
OUTPUT CONNECTORS
Standard
VO-
VO+
Single Output models
Mating JST part no.
VHR-6N or equivalent
RTN
V2
V1
Dual Output models
Terminal block M3 screws
0.33 (8.25) 3 pins
Max torque 7 lbs-in (0.8 Nm)
HD-816-3P
SIGNALS & FAN CONNECTORS
CN3
P.G
FF
RTN
INH
FAN1
+
-
FF
Mating JST Part No
XHP-3 with
SXH-002T-P0.6 Pins
Mating JST Part No
XHP-4 Housing
SXH-002T-P0.6 Pins
CN3 Pin 3
Fan Fail
CN3 Pin 2
Return
CN3 Pin 4
On/Off
PSU
CN3 Pin 2
Return
CN3 Pin 1
DC OK
+5 V
1 K
CN3 Pin 2
Return
PSU
0.59 (15.0)
Input
Output
0.59 (15.0)
Input
Output
C6
T1
L6
C26
C21
C6
T1
L6
C26
C21
POWER NOT GOOD
POWER GOOD
Note:
1. Applying <0.3 V or short between pins
4 and 2 turns the output OFF.
2. Applying >4.5 V or open circuit
between pins 4 and 2 turns output ON.
Note:
1. Open collector signal: 28 V maximum
voltage and 5 mA (maximum sink current)
Transistor On : Fan OK
Transistor Off : Fan Fail
Note:
Sink current = 6 mA, Source current = 1 mA
Power is good 100-500 ms after output is in regulation.
Power not good at least 1 ms before loss of regulation.
In order to ensure safe operation of the PSU in the end-use equipment, the temperature of
the components listed in the table (right) must not be exceeded. See drawing above for
component locations. The temperature should be monitored using K type thermocouples
placed on the hottest part of the component (out of any direct airflow).
Temperature Measurement
Component
Max Continuous Temp ºC
C26
85
C6
105
C21
105
L6
130
T1 Coil
140
RTN
V2
V1
Dual Output models
Mating JST part no.
VHR-8N or equivalent
OPTIONAL OUTPUT CONNECTORS(1)
CN2
CN2
Option ‘D’ (Standard on 5-12 V models)
Option ‘H’ (only on dual output models
in convection-cooled applications)
Dinkle PCB terminals P-830 N
2 pins M5 screws
Max torque 15.7 lbs-in (1.8 Nm)
1. Available for OEM quantities, contact Sales.
Single Output Models
Dual Output Models
(1)


Similar Part No. - SDM300PS36-F

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SDM300 MICROSEMI-SDM300 Datasheet
110Kb / 3P
   Silicon Power Rectifier
SDM300 MICROSEMI-SDM300 Datasheet
131Kb / 2P
   SILICON POWER RECTIFIER
SDM30002 MICROSEMI-SDM30002 Datasheet
110Kb / 3P
   Silicon Power Rectifier
SDM30002 MICROSEMI-SDM30002 Datasheet
131Kb / 2P
   SILICON POWER RECTIFIER
SDM30002 MICROSEMI-SDM30002 Datasheet
118Kb / 2P
   Schottky Rectifier
More results

Similar Description - SDM300PS36-F

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SDU XPPOWER-SDU Datasheet
201Kb / 2P
   Medical Approvals
logo
Emerson Network Power
LPS42-M EMERSON-NETWORKPOWER-LPS42-M Datasheet
309Kb / 3P
   Medical safety approvals
LPS60-M EMERSON-NETWORKPOWER-LPS60-M Datasheet
121Kb / 3P
   Medical safety approvals
logo
XP Power Limited
AMM XPPOWER-AMM Datasheet
204Kb / 4P
   Worldwide Medical Approvals
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
2Mb / 18P
   Medical Safety Approvals
logo
Emerson Network Power
DPT50-M EMERSON-NETWORKPOWER-DPT50-M Datasheet
660Kb / 2P
   Medical safety approvals
logo
ETA-USA
MTE140-SX-F-W6 ETA-USA-MTE140-SX-F-W6 Datasheet
2Mb / 5P
   140W Medical Approvals
logo
Emerson Network Power
LPS170-M EMERSON-NETWORKPOWER-LPS170-M Datasheet
932Kb / 3P
   Medical safety approvals
LPS50-M EMERSON-NETWORKPOWER-LPS50-M Datasheet
515Kb / 3P
   Medical Safety Approvals
LPT50-M EMERSON-NETWORKPOWER-LPT50-M Datasheet
515Kb / 3P
   Medical Safety Approvals
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com