Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL135N8F7AG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL135N8F7AG
Description  Automotive-grade N-channel 80 V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL135N8F7AG Datasheet(HTML) 3 Page - STMicroelectronics

  STL135N8F7AG Datasheet HTML 1Page - STMicroelectronics STL135N8F7AG Datasheet HTML 2Page - STMicroelectronics STL135N8F7AG Datasheet HTML 3Page - STMicroelectronics STL135N8F7AG Datasheet HTML 4Page - STMicroelectronics STL135N8F7AG Datasheet HTML 5Page - STMicroelectronics STL135N8F7AG Datasheet HTML 6Page - STMicroelectronics STL135N8F7AG Datasheet HTML 7Page - STMicroelectronics STL135N8F7AG Datasheet HTML 8Page - STMicroelectronics STL135N8F7AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STL135N8F7AG
Electrical ratings
DocID028274 Rev 3
3/14
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
80
V
VGS
Gate-source voltage
±20
V
ID(1)
Drain current (continuous) at Tcase = 25 °C
130
A
Drain current (continuous) at Tcase = 100 °C
93
IDM(1)(2)
Drain current (pulsed)
560
A
ID(3)
Drain current (continuous) at Tpcb = 25 °C
26
A
Drain current (continuous) at Tpcb = 100 °C
19
IDM(2)(3)
Drain current (pulsed)
104
A
PTOT(1)
Total dissipation at Tcase = 25 °C
135
W
PTOT(3)
Total dissipation at Tpcb = 25 °C
4.8
W
EAS(4)
Single pulse avalanche energy
1.2
J
Tstg
Storage temperature range
-55 to 175
°C
Tj
Operating junction temperature range
Notes:
(1) This value is rated according to Rthj-c.
(2) Pulse width is limited by safe operating area.
(3) This value is rated according to Rthj-pcb
(4) Starting Tj = 25 °C, ID = 13 A, VDD = 50 V
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-pcb(1)
Thermal resistance junction-pcb
31.3
°C/W
Rthj-case
Thermal resistance junction-case
1.1
Notes:
(1) When mounted on a 1-inch² FR-4 board, 2oz Cu, t < 10 s


Similar Part No. - STL135N8F7AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL130N6F7 STMICROELECTRONICS-STL130N6F7 Datasheet
662Kb / 14P
   High avalanche ruggedness
June 2015 Rev 3
STL130N8F7 STMICROELECTRONICS-STL130N8F7 Datasheet
1Mb / 15P
   Ultra low on-resistance
July 2014 Rev 3
STL130N8F7 STMICROELECTRONICS-STL130N8F7 Datasheet
1Mb / 7P
   48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
STL13DP10F6 STMICROELECTRONICS-STL13DP10F6 Datasheet
592Kb / 14P
   Low gate drive power losses
May 2014 Rev 2
STL13N60DM2 STMICROELECTRONICS-STL13N60DM2 Datasheet
894Kb / 15P
   N-channel 600 V, 0.350 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a PowerFLAT 5x6 HV package
More results

Similar Description - STL135N8F7AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL20NF06LAG STMICROELECTRONICS-STL20NF06LAG Datasheet
946Kb / 14P
   Automotive-grade N-channel 60 V
September 2015 Rev 1
STW22N95K5 STMICROELECTRONICS-STW22N95K5 Datasheet
884Kb / 14P
   Automotive-grade N-channel 950 V
March 2014 Rev 3
STL20DNF06LAG STMICROELECTRONICS-STL20DNF06LAG Datasheet
972Kb / 15P
   Automotive-grade dual N-channel 60 V
September 2015 Rev 1
logo
Vishay Siliconix
SQJA92EP VISHAY-SQJA92EP Datasheet
225Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Nov-16
SQJA94EP VISHAY-SQJA94EP Datasheet
232Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 29-Aug-16
SQJA80EP VISHAY-SQJA80EP Datasheet
188Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 22-Sep-16
SQJA84EP VISHAY-SQJA84EP Datasheet
232Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 29-Aug-16
SQJA86EP VISHAY-SQJA86EP Datasheet
220Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 03-Oct-16
SQA604CEJW VISHAY-SQA604CEJW Datasheet
172Kb / 6P
   Automotive N-Channel 80 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJQ186E VISHAY-SQJQ186E Datasheet
187Kb / 6P
   Automotive N-Channel 80 V (D-S) 175 째C MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com