Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PEB1755E Datasheet(PDF) 2 Page - Infineon Technologies AG

Part No. PEB1755E
Description  Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB1755E Datasheet(HTML) 2 Page - Infineon Technologies AG

  PEB1755E Datasheet HTML 1Page - Infineon Technologies AG PEB1755E Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P RODUCT B RIEF
Published by Infineon Technologies AG
How to reach us:
http://www.infineon.com
Published by
Infineon Technologies AG,
St.-Martin-Strasse 53,
D-81669 München
© Infineon Technologies AG 2003. All Rights Reserved.
Template: pb_tmplt.fm/2/2003-05-01
Attention please!
The information herein is given to describe certain components
and shall not be considered as a guarantee of characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not
limited to warranties of non-infringement, regarding circuits,
descriptions and charts stated herein.
Information
For further information on technology, delivery terms
and conditions and prices please contact your nearest
Infineon Technologies Office in Germany or our
Infineon Technologies Representatives worldwide.
Warnings
Due to technical requirements components may contain dan-
gerous substances. For information on the types in question
please contact your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in life-
support devices or systems with the express written approval
of Infineon Technologies, if a failure of such components can
reasonably be expected to cause the failure of that life-support
device or system, or to affect the safety or effectiveness of that
device or system. Life support devices or systems are intended
to be implanted in the human body, or to support and/or main-
tain and sustain and/or protect human life. If they fail, it is rea-
sonable to assume that the health of the user or other persons
may be endangered.
RPR/
SRP
mP IF
Mapping
PoS
SONET/SDH
POH
TOH
Framer/
deFramer
SFI4.1
SFI4.2
XSBI
XAUI
Line IF
XAUI IF
16@800M
4@3.125G
16@622M
4@2.5G
16@644M
4@3.125G
L2 Mac
10GbE
RS
Type
Sales Code
Package
OC192/OC48 PoS
Framer and RPR Mac
PEB1755E
P-FCHBGA 979
Ordering No. B115-H8198-X-X-7600
Printed in Germany
PS 05032.
R&L
Inner RX
Outer TX
Inner TX
RPR
Ring
Pac
Fab
Framer
RPR
Packet
Fabric
10/100
10/100
10/100
Network Side
Client Side
West
L3
Framer
RPR
East
L3
Outer RX
Orchid
Orchid
Orchid
Orchid
Inner RX
Outer TX
Inner TX
RPR
Ring
Pac
Fab
Framer
RPR
Packet
Fabric
10/100
10/100
10/100
Network Side
Client Side
West
L3
Framer
RPR
East
L3
Outer RX
Frea
Frea
Inner RX
Outer TX
Inner TX
RPR
Ring
Pac
Fab
Framer
RPR
Packet
Fabric
10/100
10/100
10/100
Network Side
Client Side
West
L3
Framer
RPR
East
L3
Outer RX
Orchid
Orchid
Orchid
Orchid
Inner RX
Outer TX
Inner TX
RPR
Ring
Pac
Fab
Framer
RPR
Packet
Fabric
10/100
10/100
10/100
Network Side
Client Side
West
L3
Framer
RPR
East
Inner RX
Outer TX
Inner TX
RPR
Ring
Pac
Fab
Framer
RPR
Packet
Fabric
10/100
10/100
10/100
Network Side
Client Side
West
L3
Framer
RPR
East
L3
Outer RX
Orchid
Orchid
Orchid
Orchid
Inner RX
Outer TX
Inner TX
RPR
Ring
Pac
Fab
Framer
RPR
Packet
Fabric
10/100
10/100
10/100
Network Side
Client Side
West
L3
Framer
RPR
East
L3
Outer RX
Frea
Frea
Interfaces
622.08 MHz 16-bit line interface
(SFI-4.1)
2.5 GHz 4-bit line interface (SFI-4.2)
644 MHz 16-bit line interface (XSBI)
3.125 GHz 4-bit line interface (XAUI)
800 MHz 16-bit system interface
(SPI-4.2)
3.125 GHz 4-bit mate interface (XAUI)
155 MHz 16-bit line interface for OC48
TOH add/drop interface
JTAG interface
16-bit processor interface for configu-
ration, management, and statistics
gathering
General Specifications
0.13 µm process
Power: ~8 W
Core Voltage: 1.3 V
I/O Buffer Voltage: 3.3 V
Operating temp. 0 °C to 70 °C
Full Scan, JTAG, MemBIST
Flipchip P-FCHBGA-979
Frea 10G Block Diagram


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn