Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL86N3LLH6AG Datasheet(PDF) 11 Page - STMicroelectronics

Part # STL86N3LLH6AG
Description  High avalanche ruggedness
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL86N3LLH6AG Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STL86N3LLH6AG Datasheet HTML 7Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 8Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 9Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 10Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 11Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 12Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 13Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 14Page - STMicroelectronics STL86N3LLH6AG Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DocID026950 Rev 3
11/16
STL86N3LLH6AG
Package mechanical data
16
Table 8. PowerFLAT™ 5x6 WF type R mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
1.00
A1
0.02
0.05
A2
0.25
b
0.30
0.50
D
5.00
5.20
5.40
E
6.20
6.40
6.60
D2
4.11
4.31
E2
3.50
3.70
e1.27
L
0.70
0.90
L1
0.275
K
1.275
1.575
E3
2.35
2.55
E4
0.40
0.60
E5
0.08
0.28


Similar Part No. - STL86N3LLH6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL80N3LLH6 STMICROELECTRONICS-STL80N3LLH6 Datasheet
874Kb / 13P
   N-channel 30 V, 0.0046, 21 A PowerFLAT 5x6 STripFET VI DeepGATE Power MOSFET
December 2011 Rev 4
STL80N4LLF3 STMICROELECTRONICS-STL80N4LLF3 Datasheet
347Kb / 12P
   N-channel 40V - 0.0042ohm - 80A - PowerFLAT (6x5) STripFET Power MOSFET for DC-DC conversion
STL80N75F6 STMICROELECTRONICS-STL80N75F6 Datasheet
1Mb / 15P
   N-channel 75 V, 4.5 m typ., 18 A STripFET DeepGATE VI Power MOSFET in PowerFLAT 5x6 package
STL80NF3LL STMICROELECTRONICS-STL80NF3LL Datasheet
344Kb / 9P
   N-CHANNEL 30V - 0.0045ohm - 80A PowerFLAT(6X5) STripFET II MOSFET
logo
Siemens Semiconductor G...
STL81004A SIEMENS-STL81004A Datasheet
129Kb / 4P
   1550 nm Laser in Coaxial Package with SM-Pigtail, Low Power
More results

Similar Description - STL86N3LLH6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
   High avalanche ruggedness
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
   High avalanche ruggedness
August 2015 Rev 1
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
   High avalanche ruggedness
July 2009 Rev 2
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
   High avalanche ruggedness
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
   High avalanche ruggedness
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
   High avalanche ruggedness
December 2014 Rev 2
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
   High avalanche ruggedness
January 2014 Rev 3
STL110NS3LLH7 STMICROELECTRONICS-STL110NS3LLH7 Datasheet
701Kb / 14P
   High avalanche ruggedness
April 2015 Rev 4
STL140N4F7AG STMICROELECTRONICS-STL140N4F7AG Datasheet
927Kb / 14P
   High avalanche ruggedness
February 2017 Rev 2
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
   High avalanche ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com