Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL20NF06LAG Datasheet(PDF) 8 Page - STMicroelectronics

Part # STL20NF06LAG
Description  Automotive-grade N-channel 60 V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL20NF06LAG Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STL20NF06LAG Datasheet HTML 4Page - STMicroelectronics STL20NF06LAG Datasheet HTML 5Page - STMicroelectronics STL20NF06LAG Datasheet HTML 6Page - STMicroelectronics STL20NF06LAG Datasheet HTML 7Page - STMicroelectronics STL20NF06LAG Datasheet HTML 8Page - STMicroelectronics STL20NF06LAG Datasheet HTML 9Page - STMicroelectronics STL20NF06LAG Datasheet HTML 10Page - STMicroelectronics STL20NF06LAG Datasheet HTML 11Page - STMicroelectronics STL20NF06LAG Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Test circuits
STL20NF06LAG
8/14
DocID028240 Rev 1
3
Test circuits
Figure 14: Switching times test circuit for
resistive load
Figure 15: Gate charge test circuit
Figure 16: Test circuit for inductive load
switching and diode recovery times
Figure 17: Unclamped inductive load test
circuit
Figure 18: Unclamped inductive waveform
Figure 19: Switching time waveform


Similar Part No. - STL20NF06LAG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL20NF20 STMICROELECTRONICS-STL20NF20 Datasheet
777Kb / 12P
   N-channel 200 V, 0.10 Ω, 15 A PowerFLAT™ (5x6) low gate charge STripFET™ Power MOSFET
December 2009
More results

Similar Description - STL20NF06LAG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL20DNF06LAG STMICROELECTRONICS-STL20DNF06LAG Datasheet
972Kb / 15P
   Automotive-grade dual N-channel 60 V
September 2015 Rev 1
STH272N6F7-6AG STMICROELECTRONICS-STH272N6F7-6AG Datasheet
808Kb / 15P
   Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A
March 2016
STL135N8F7AG STMICROELECTRONICS-STL135N8F7AG Datasheet
1,003Kb / 14P
   Automotive-grade N-channel 80 V
January 2016 Rev 3
STW22N95K5 STMICROELECTRONICS-STW22N95K5 Datasheet
884Kb / 14P
   Automotive-grade N-channel 950 V
March 2014 Rev 3
logo
Vishay Siliconix
SQD40N06-14L-GE3 VISHAY-SQD40N06-14L-GE3 Datasheet
160Kb / 9P
   Automotive N-Channel 60 V (D-S)
Rev. B, 30-Jul-12
SQ7414AEN VISHAY-SQ7414AEN Datasheet
642Kb / 15P
   Automotive N-Channel 60 V (D-S) MOSFET
Rev. C, 17-Aug-15
logo
Renesas Technology Corp
NP60N06MLK RENESAS-NP60N06MLK_V01 Datasheet
445Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N60VDK RENESAS-NP60N60VDK Datasheet
442Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET Application: Automotive
NP60N06PLK RENESAS-NP60N06PLK_V01 Datasheet
529Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06VDK RENESAS-NP60N06VDK_V01 Datasheet
442Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com