Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCE0312D12 Datasheet(PDF) 2 Page - XP Power Limited

Part # JCE0312D12
Description  1500 VDC Isolation, 3000 VDC Option
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCE0312D12 Datasheet(HTML) 2 Page - XP Power Limited

  JCE0312D12 Datasheet HTML 1Page - XP Power Limited JCE0312D12 Datasheet HTML 2Page - XP Power Limited JCE0312D12 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JCE03 Series
www.xppower.com
2
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
See Models and Ratings table
Initial Set Accuracy
±2
%
Minimum Load
0A
No minimum load required
Line Regulation
±0.5
%
Load Regulation
±1.2
%
Cross Regulation
±5
%
On dual output models when one load is varied between
25% and 100% and other is fixed at 100%
Transient Response
3
% deviation
Recovery within 2% in less than 2 ms for a 25% load
change. S3V3 versions: 5% max
Ripple & Noise
80
mV pk-pk
20 MHz bandwidth. Measured using 1 µF ceramic capacitor
D24 versions: 100 mV pk-pk
Short Circuit Protection
Continuous, with auto recovery
Maximum Capacitive Load
See Models and Ratings table
Temperature Coefficient
0.02
%/ ˚C
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
9
18
VDC
12 V nominal
18
36
VDC
24 V nominal
36
75
VDC
48 V nominal
Input Filter
Pi type
Input Reflected Ripple
20
mA pk-pk
Through 12 µH inductor and 47 µF capacitor
Input Surge
25
VDC for 100 ms
12 V models
50
VDC for 100 ms
24 V models
100
VDC for 100 ms
48 V models
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
81
%
See Models and Ratings table
Isolation: Input to Output
1500
VDC
3000 VDC option, add ‘-H’ to model number
Switching Frequency
330
kHz
Isolation Resistance
109
Isolation Capacitance
1000
pF
Power Density
7.5
W/in3
Mean Time Between Failure
800
kHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.03 (13.0)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+100
°C
Derate from 100% load at +85 °C to no load at +100 °C
Storage Temperature
-55
+125
°C
Case Temperature
+100
°C
Humidity
95
%RH
Non-condensing
Cooling
Natural convection


Similar Part No. - JCE0312D12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCE06 XPPOWER-JCE06 Datasheet
139Kb / 2P
   6 Watts JCE Series
JCE0612D03 XPPOWER-JCE0612D03 Datasheet
139Kb / 2P
   DIP24 Plastic Case
JCE0612D03 XPPOWER-JCE0612D03 Datasheet
139Kb / 2P
   6 Watts JCE Series
JCE0612D05 XPPOWER-JCE0612D05 Datasheet
139Kb / 2P
   DIP24 Plastic Case
JCE0612D05 XPPOWER-JCE0612D05 Datasheet
139Kb / 2P
   6 Watts JCE Series
More results

Similar Description - JCE0312D12

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6GH-Z AIMTEC-AM6GH-Z Datasheet
229Kb / 5P
   Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
   Input / Output Isolation 1500 or 3000 VDC
AM3TIW-RZ AIMTEC-AM3TIW-RZ Datasheet
205Kb / 5P
   Input / Output Isolation 1500 or 3000 VDC
AM2LS-NZ AIMTEC-AM2LS-NZ Datasheet
208Kb / 4P
   Input / Output Isolation 1500 and 3000 VDC
logo
Texas Instruments
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4100-48V TI1-PT4100-48V_14 Datasheet
180Kb / 4P
[Old version datasheet]   1500 VDC Isolation
PT3340 TI1-PT3340_14 Datasheet
218Kb / 11P
[Old version datasheet]   1500 VDC Isolation
PT3320 TI1-PT3320_09 Datasheet
202Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4100-24V TI1-PT4100-24V_14 Datasheet
153Kb / 3P
[Old version datasheet]   1500 VDC Isolation
logo
XP Power Limited
IH2424S-H XPPOWER-IH2424S-H Datasheet
95Kb / 1P
   Optional 3000-6000 VDC isolation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com