Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP110 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # KP110
Description  Absolute Pressure Sensor IC Programmable Temperature Compensation and Calibration On-Chip Signal Conditioning Low Cost Bare Die Version
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP110 Datasheet(HTML) 5 Page - Infineon Technologies AG

  KP110 Datasheet HTML 1Page - Infineon Technologies AG KP110 Datasheet HTML 2Page - Infineon Technologies AG KP110 Datasheet HTML 3Page - Infineon Technologies AG KP110 Datasheet HTML 4Page - Infineon Technologies AG KP110 Datasheet HTML 5Page - Infineon Technologies AG KP110 Datasheet HTML 6Page - Infineon Technologies AG KP110 Datasheet HTML 7Page - Infineon Technologies AG KP110 Datasheet HTML 8Page - Infineon Technologies AG KP110 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
KP110
Data Book
5
2003-05
The table below shows the internal registers of the KP110. For the shaded registers
PROM cells exist. The PROM cells are used for permanent programming of the
calibration data.
In addition to the registers in the table below a 12 x 9 bit RAM table exists for the
linearization and definition of the analog pressure signal. This RAM table is also
overlayed by PROM cells.
To write a 9 bit word to the RAM table at first the data content must be written into the
MEMDAT register. In a further write cycle the desired word is addressed by the 4 LSBs
of the MEMCTL register.
Nonvolatile Memory
Each PROM cell consists of a thin polysilicon wire located in a small evacuated cavity.
The cells are called HR-fuses. In order to write a logic "1" to a HR-cell the wire has to be
cut with a current pulse. Since the current can reach up to 100 mA only a single HR-fuse
can be programmed at a time.
The desired bit within a HR-fuse register is addressed by a register called FUSE_NR. In
case of the linearization table the desired PROM register itself is addressed by the
MEMCTL-register. In order to program the GLOBOFF, TGAIN, TOFFL and TOFFQ
register the MODREG-register is used for addressing.
After the correct addressing of PROM register and bit a fuse pulse has to be applied to
pad 1. The requirements for the pulse voltage, length and slew rate are given in the
electrical characteristics.
The exact sequences for RAM/PROM reading/writing are available on request.
Register
Function
MEMDAT
Data bit 0 to 9
MEMCTL
Selection of register of linearization table
GLOBOFF
Global offset compensation
FUSE_NR
Fuse number
TESTREG
Selection of register for read cycle
TGAIN
Temperature gain compensation (linear and square)
TOFFL
Linear temperature offset compensation
TOFFQ
Square temperature offset compensation
MODEREG
Selection of registers for programming of PROM
The shaded registers in the table are overlayed with PROM


Similar Part No. - KP110

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KP1100A LUGUANG-KP1100A Datasheet
3Mb / 4P
   Phase control thyristor
logo
JSC ALFA.
KP1100CK2 ALFA-KP1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
More results

Similar Description - KP110

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4200A FREESCALE-MPX4200A Datasheet
161Kb / 6P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
MPX4101A FREESCALE-MPX4101A Datasheet
260Kb / 12P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
logo
Texas Instruments
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
logo
Melexis Microelectronic...
MLX90817 MELEXIS-MLX90817 Datasheet
992Kb / 25P
   Absolute Pressure Sensor IC
logo
NXP Semiconductors
MPX4100A NXP-MPX4100A Datasheet
213Kb / 13P
    Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 9, 1/2009
MPX4200A NXP-MPX4200A Datasheet
105Kb / 6P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 4, 1/2009
MPXAZ4100A NXP-MPXAZ4100A Datasheet
229Kb / 8P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 1, 05/2005
MPX4105A NXP-MPX4105A Datasheet
113Kb / 7P
    Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 8, 1/2009
logo
Freescale Semiconductor...
MPXV6115V FREESCALE-MPXV6115V_12 Datasheet
111Kb / 9P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
MP3H6115A FREESCALE-MP3H6115A Datasheet
270Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com