Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPU13N03LA Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPU13N03LA
Description  OptiMOS 2 Power-Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPU13N03LA Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPU13N03LA Datasheet HTML 1Page - Infineon Technologies AG IPU13N03LA Datasheet HTML 2Page - Infineon Technologies AG IPU13N03LA Datasheet HTML 3Page - Infineon Technologies AG IPU13N03LA Datasheet HTML 4Page - Infineon Technologies AG IPU13N03LA Datasheet HTML 5Page - Infineon Technologies AG IPU13N03LA Datasheet HTML 6Page - Infineon Technologies AG IPU13N03LA Datasheet HTML 7Page - Infineon Technologies AG IPU13N03LA Datasheet HTML 8Page - Infineon Technologies AG IPU13N03LA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IPD13N03LA
IPF13N03LA
IPS13N03LA
IPU13N03LA
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
3.2
K/W
SMD version, device on PCB
R thJA
minimal footprint
-
-
75
6 cm
2 cooling area5)
--
50
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
25
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=20 µA
1.2
1.6
2
Zero gate voltage drain current
I DSS
V DS=25 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=25 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
10
100
nA
Drain-source on-state resistance
R DS(on)
V GS=4.5 V, I D=20 A
-
17.5
21.9
m
V GS=10 V, I D=30 A
-
10.7
12.8
Gate resistance
R G
-
0.9
-
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=30 A
18
36
-
S
5) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Values
2) Current is limited by bondwire; with anR
thJC=3.2 K/W the chip is able to carry 47 A.
3) See figure 3
4) T
j,max=150 °C and duty cycle D <0.25 for V GS<-5 V
1) J-STD20 and JESD22
Rev. 1.7
page 2
2004-05-24


Similar Part No. - IPU13N03LA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPU13N03LA INFINEON-IPU13N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2004-02-04
IPU13N03LA INFINEON-IPU13N03LA Datasheet
403Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 2.0 2006-05-11
IPU13N03LAG INFINEON-IPU13N03LAG Datasheet
403Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 2.0 2006-05-11
More results

Similar Description - IPU13N03LA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB05N03LA INFINEON-IPB05N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPB14N03LA INFINEON-IPB14N03LA Datasheet
346Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPD04N03LA INFINEON-IPD04N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2004-02-04
IPF06N03LA INFINEON-IPF06N03LA Datasheet
223Kb / 9P
   OptiMOS 2 Power-Transistor
2003-12-19
IPD03N03LB INFINEON-IPD03N03LB Datasheet
304Kb / 9P
   OptiMOS 2 Power-Transistor
Rev. 1.11 2004-12-16
IPSH4N03LA INFINEON-IPSH4N03LA Datasheet
305Kb / 9P
   OPTIMOS 2 POWER - TRANSISTOR
Rev. 0.92 2004-10-27
IPB09N03LA INFINEON-IPB09N03LA Datasheet
347Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPI03N03LA INFINEON-IPI03N03LA Datasheet
317Kb / 10P
   OptiMOS 2 Power-Transistor
Rev. 1.4 2004-02-05
IPI04N03LA INFINEON-IPI04N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
Rev. 1.3 2003-12-18
IPI05N03LA INFINEON-IPI05N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2004-03-23
IPS09N03LA INFINEON-IPS09N03LA Datasheet
434Kb / 11P
   OptiMOS 2 Power-Transistor
2004-05-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com