Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL7N10F7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL7N10F7
Description  N-channel 100 V, 0.027 ??typ., 7 A STripFET??VII DeepGATE?? Power MOSFET in a PowerFLAT??3.3x3.3 package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7N10F7 Datasheet(HTML) 3 Page - STMicroelectronics

  STL7N10F7 Datasheet HTML 1Page - STMicroelectronics STL7N10F7 Datasheet HTML 2Page - STMicroelectronics STL7N10F7 Datasheet HTML 3Page - STMicroelectronics STL7N10F7 Datasheet HTML 4Page - STMicroelectronics STL7N10F7 Datasheet HTML 5Page - STMicroelectronics STL7N10F7 Datasheet HTML 6Page - STMicroelectronics STL7N10F7 Datasheet HTML 7Page - STMicroelectronics STL7N10F7 Datasheet HTML 8Page - STMicroelectronics STL7N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID025972 Rev 2
3/14
STL7N10F7
Electrical ratings
14
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DS
Drain-source voltage
100
V
V
GS
Gate-source voltage
± 20
V
I
D
(1)
1.
The value is rated according R
thj-pcb
Drain current (continuous) at T
pcb
=25 °C
7
A
I
D
(1)
Drain current (continuous) at T
pcb
=100 °C
5
A
I
DM
(1)(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
28
A
P
TOT
(1)
Total dissipation at T
pcb
= 25 °C
2.9
W
P
TOT
(3)
3.
This value is rated according to R
thj-c
.
Total dissipation at T
c
= 25 °C
50
W
T
J
Operating junction temperature
-55 to 150
°C
T
stg
Storage temperature
°C
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
R
thj-case
Thermal resistance junction-case
2.5
°C/W
R
thj-pcb
(1)
1.
When mounted on FR-4 board of 1inch², 2oz Cu, t < 10sec
Thermal resistance junction-pcb
42.8
°C/W


Similar Part No. - STL7N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL7N60M2 STMICROELECTRONICS-STL7N60M2 Datasheet
310Kb / 13P
   Extremely low gate charge
January 2015 Rev 1
STL7N6F7 STMICROELECTRONICS-STL7N6F7 Datasheet
875Kb / 11P
   N-channel 60 V, 0.021 (ohm) typ., 7 A STripFET F7 Power MOSFET in a PowerFLAT 2x2 package
STL7N6LF3 STMICROELECTRONICS-STL7N6LF3 Datasheet
969Kb / 15P
   Switching applications
February 2017 Rev 4
STL7N80K5 STMICROELECTRONICS-STL7N80K5 Datasheet
956Kb / 17P
   Ultra low gate charge
November 2013 Rev 1
STL7NM60N STMICROELECTRONICS-STL7NM60N Datasheet
786Kb / 13P
   Low input capacitance and gate charge, Low gate input resistance
More results

Similar Description - STL7N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL60N10F7 STMICROELECTRONICS-STL60N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.0145 ??typ., 12 A, STripFET??VII DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
October 2013 Rev 3
STL100N10F7 STMICROELECTRONICS-STL100N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.0062 廓 typ., 19 A, STripFET??VII DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
July 2013 Rev 4
STL12N10F7 STMICROELECTRONICS-STL12N10F7 Datasheet
587Kb / 13P
   N-channel 100 V, 11.3 mΩ typ., 12 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
DS12044 - Rev 2 - June 2018
STL9P2UH7 STMICROELECTRONICS-STL9P2UH7 Datasheet
513Kb / 14P
   P-channel 20 V, 0.0195 ??typ., 9 A STripFET??H7 Power MOSFET in a PowerFLAT??3.3x3.3 package
October 2014 Rev 3
STP310N10F7 STMICROELECTRONICS-STP310N10F7 Datasheet
824Kb / 13P
   N-channel 100 V, 2.3 m廓 typ., 180 A STripFET??VII DeepGATE?? Power MOSFET in a TO-220 package
July 2013 Rev 7
STL90N10F7 STMICROELECTRONICS-STL90N10F7_V01 Datasheet
842Kb / 16P
   N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Description
STL6N3LLH6 STMICROELECTRONICS-STL6N3LLH6 Datasheet
1Mb / 14P
   N-channel 30 V, 0.021 typ., 6 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT
STL17N3LLH6 STMICROELECTRONICS-STL17N3LLH6 Datasheet
928Kb / 13P
   N-channel 30 V, 0.0038 廓, 17 A PowerFLAT??3.3x3.3) STripFET??VI DeepGATE??Power MOSFET
STL90N3LLH6 STMICROELECTRONICS-STL90N3LLH6 Datasheet
725Kb / 16P
   N-channel 30 V, 0.0038 廓 typ., 24 A STripFET??VI DeepGATE?? Power MOSFET in PowerFLAT??5x6 package
September 2013 Rev 4
STL12P6F6 STMICROELECTRONICS-STL12P6F6 Datasheet
601Kb / 13P
   P-channel 60 V, 0.13 typ., 3 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 5x6 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com