Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPF04N03LA Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPF04N03LA
Description  OptiMOS 2 Power-Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPF04N03LA Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPF04N03LA Datasheet HTML 2Page - Infineon Technologies AG IPF04N03LA Datasheet HTML 3Page - Infineon Technologies AG IPF04N03LA Datasheet HTML 4Page - Infineon Technologies AG IPF04N03LA Datasheet HTML 5Page - Infineon Technologies AG IPF04N03LA Datasheet HTML 6Page - Infineon Technologies AG IPF04N03LA Datasheet HTML 7Page - Infineon Technologies AG IPF04N03LA Datasheet HTML 8Page - Infineon Technologies AG IPF04N03LA Datasheet HTML 9Page - Infineon Technologies AG IPF04N03LA Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IPD04N03LA IPF04N03LA
IPS04N03LA IPU04N03LA
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(on)=f(T j); I D=50 A; V GS=10 V
V GS(th)=f(T j); V GS=V DS
parameter: I D
11 Typ. capacitances
12 Forward characteristics of reverse diode
C =f(V DS); V GS=0 V; f =1 MHz
I F=f(V SD)
parameter: T j
typ
98 %
0
1
2
3
4
5
6
7
8
-60
-20
20
60
100
140
180
T j [°C]
80 µA
800 µA
0
0.5
1
1.5
2
2.5
-60
-20
20
60
100
140
180
T j [°C]
Ciss
Coss
Crss
100
1000
10000
0
5
10
15
20
25
30
V DS [V]
25 °C
175 °C
25 °C, 98%
175 °C, 98%
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
V SD [V]
Rev. 1.8
page 6
2004-05-19


Similar Part No. - IPF04N03LA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPF04N03LA INFINEON-IPF04N03LA Datasheet
199Kb / 9P
   OptiMOS 2 Power-Transistor
2003-12-19
IPF04N03LA INFINEON-IPF04N03LA Datasheet
418Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.97 2006-05-17
IPF04N03LAG INFINEON-IPF04N03LAG Datasheet
418Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.97 2006-05-17
More results

Similar Description - IPF04N03LA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB05N03LA INFINEON-IPB05N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPB14N03LA INFINEON-IPB14N03LA Datasheet
346Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPD04N03LA INFINEON-IPD04N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2004-02-04
IPF06N03LA INFINEON-IPF06N03LA Datasheet
223Kb / 9P
   OptiMOS 2 Power-Transistor
2003-12-19
IPD03N03LB INFINEON-IPD03N03LB Datasheet
304Kb / 9P
   OptiMOS 2 Power-Transistor
Rev. 1.11 2004-12-16
IPSH4N03LA INFINEON-IPSH4N03LA Datasheet
305Kb / 9P
   OPTIMOS 2 POWER - TRANSISTOR
Rev. 0.92 2004-10-27
IPB09N03LA INFINEON-IPB09N03LA Datasheet
347Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPI03N03LA INFINEON-IPI03N03LA Datasheet
317Kb / 10P
   OptiMOS 2 Power-Transistor
Rev. 1.4 2004-02-05
IPI04N03LA INFINEON-IPI04N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
Rev. 1.3 2003-12-18
IPI05N03LA INFINEON-IPI05N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2004-03-23
IPS09N03LA INFINEON-IPS09N03LA Datasheet
434Kb / 11P
   OptiMOS 2 Power-Transistor
2004-05-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com