Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP04N03L Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPP04N03L
Description  OptiMOS Buck converter series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP04N03L Datasheet(HTML) 6 Page - Infineon Technologies AG

  IPP04N03L Datasheet HTML 1Page - Infineon Technologies AG IPP04N03L Datasheet HTML 2Page - Infineon Technologies AG IPP04N03L Datasheet HTML 3Page - Infineon Technologies AG IPP04N03L Datasheet HTML 4Page - Infineon Technologies AG IPP04N03L Datasheet HTML 5Page - Infineon Technologies AG IPP04N03L Datasheet HTML 6Page - Infineon Technologies AG IPP04N03L Datasheet HTML 7Page - Infineon Technologies AG IPP04N03L Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2003-01-17
Page 6
IPP04N03L
IPB04N03L
9 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 45 A, VGS = 10 V
-60
-20
20
60
100
140
°C
200
Tj
0
1
2
3
4
5
6
7
8
10
IPP04N03L
typ
98%
10 Typ. gate threshold voltage
VGS(th) = f (Tj)
parameter: VGS = VDS
-60
-20
20
60
100
°C
180
Tj
0
0.5
1
1.5
V
2.5
130µA
650µA
11 Typ. capacitances
C = f (VDS)
parameter: VGS=0V, f=1 MHz
0
5
10
15
20
V
30
VDS
2
10
3
10
4
10
pF
Ciss
Coss
Crss
12 Forward character. of reverse diode
IF = f (VSD)
parameter: Tj , tp = 80 µs
0
0.4
0.8
1.2
1.6
2
2.4
V
3
VSD
0
10
1
10
2
10
3
10
A
IPP04N03L
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 175 °C typ
T
j = 175 °C (98%)


Similar Part No. - IPP04N03L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPP04N03L ISC-IPP04N03L Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPP04N03LA INFINEON-IPP04N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2004-03-15
IPP04N03LA INFINEON-IPP04N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
Rev. 1.3 2003-12-18
IPP04N03LA INFINEON-IPP04N03LA Datasheet
302Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 1.9 2007-08-29
logo
Inchange Semiconductor ...
IPP04N03LA ISC-IPP04N03LA Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPP04N03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD20N03L INFINEON-IPD20N03L Datasheet
158Kb / 8P
   OptiMOS Buck converter series
2003-01-17
BSS670S2L INFINEON-BSS670S2L Datasheet
156Kb / 8P
   OptiMOS Buck converter series
2003-03-17
IPP10N03L INFINEON-IPP10N03L Datasheet
452Kb / 8P
   OptiMOS Buck converter series
2003-01-17
BSS670S2L INFINEON-BSS670S2L_06 Datasheet
198Kb / 8P
   OptiMOS Buck converter series
Rev. 2.3 2006-12-01
IPD09N03L INFINEON-IPD09N03L Datasheet
135Kb / 8P
   OptiMOS Buck converter series
2002-01-17
IPD12N03L INFINEON-IPD12N03L Datasheet
152Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP05N03L INFINEON-IPP05N03L Datasheet
449Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP15N03L INFINEON-IPP15N03L Datasheet
448Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPD14N03L INFINEON-IPD14N03L Datasheet
424Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP07N03L INFINEON-IPP07N03L Datasheet
166Kb / 8P
   OptiMOS Buck converter series
2002-10-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com