Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WT18-3N431 Datasheet(PDF) 3 Page - SICK AG

Part No. WT18-3N431
Description  Photoelectric proximity sensor, Background suppression
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SICK [SICK AG]
Homepage  http://www.sick.com/
Logo 

WT18-3N431 Datasheet(HTML) 3 Page - SICK AG

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA3/8/2016 3:55:49 AM
1) Limit values, operation in short-circuit protected network max. 8 A 2) May not exceed or fall short of VS tolerances 3) Without load 4) Signal transit time with resistive
load 5) With light/dark ratio 1:1 6) A = VS connections reverse-polarity protected 7) C = interference suppression 8) D = outputs overcurrent and short-circuit
protected
Output current Imax.:
100 mA
Response time:
< 700 µs 4)
Switching frequency:
700 Hz 5)
Connection type:
M12, 4-pin male connector
Circuit protection:::
A, C, D 6) 7) 8)
Weight:
40 g
Housing material:
ABS, Plastic
Optics material:
PMMA
Enclosure rating:
IP 67
Ambient operating temperature:
-40 °C ... +60 °C
Ambient storage temperature:
-40 °C ... +75 °C
UL File No.:
NRKH.E181493 & NRKH7.E181493
Dimensional drawing


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn