Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD12N03L Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPD12N03L
Description  OptiMOS Buck converter series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD12N03L Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPD12N03L Datasheet HTML 1Page - Infineon Technologies AG IPD12N03L Datasheet HTML 2Page - Infineon Technologies AG IPD12N03L Datasheet HTML 3Page - Infineon Technologies AG IPD12N03L Datasheet HTML 4Page - Infineon Technologies AG IPD12N03L Datasheet HTML 5Page - Infineon Technologies AG IPD12N03L Datasheet HTML 6Page - Infineon Technologies AG IPD12N03L Datasheet HTML 7Page - Infineon Technologies AG IPD12N03L Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2003-01-17
Page 3
IPD12N03L
IPU12N03L
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
VDS≥2*ID*RDS(on)max,
ID=30A
23.8
47.5
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
-
1160
1550
pF
Output capacitance
Coss
-
450
605
Reverse transfer capacitance
Crss
-
120
175
Gate resistance
RG
-
1.2
-
Turn-on delay time
td(on)
VDD=15V, VGS=10V,
ID=15A,
RG=5.6Ω
-
6.1
9.2
ns
Rise time
tr
-
13
20
Turn-off delay time
td(off)
-
29.4
44.1
Fall time
tf
-
17.3
26
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=15V, ID=15A
-
3
3.8
nC
Gate to drain charge
Qgd
-
10.3
12.9
Gate charge total
Qg
VDD=15V, ID=15A,
VGS=0 to 5V
-
18.2
22.8
Output charge
Qoss
VDS=15V, ID=15A,
VGS=0V
-
16.5
20.6
nC
Gate plateau voltage
V(plateau)
VDD=15V, ID=15A
-
2.7
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TC=25°C
-
-
30
A
Inv. diode direct current, pulsed
ISM
-
-
120
Inverse diode forward voltage
VSD
VGS=0V, IF=30A
-
0.9
1.2
V
Reverse recovery time
trr
VR=-V, IF=lS,
diF/dt=100A/µs
-
31
39
ns
Reverse recovery charge
Qrr
-
29
37
nC


Similar Part No. - IPD12N03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD12N03LBG INFINEON-IPD12N03LBG Datasheet
417Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.5 2006-05-15
More results

Similar Description - IPD12N03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD20N03L INFINEON-IPD20N03L Datasheet
158Kb / 8P
   OptiMOS Buck converter series
2003-01-17
BSS670S2L INFINEON-BSS670S2L Datasheet
156Kb / 8P
   OptiMOS Buck converter series
2003-03-17
IPP10N03L INFINEON-IPP10N03L Datasheet
452Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP04N03L INFINEON-IPP04N03L Datasheet
455Kb / 8P
   OptiMOS Buck converter series
2003-01-17
BSS670S2L INFINEON-BSS670S2L_06 Datasheet
198Kb / 8P
   OptiMOS Buck converter series
Rev. 2.3 2006-12-01
IPD09N03L INFINEON-IPD09N03L Datasheet
135Kb / 8P
   OptiMOS Buck converter series
2002-01-17
IPP05N03L INFINEON-IPP05N03L Datasheet
449Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP15N03L INFINEON-IPP15N03L Datasheet
448Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPD14N03L INFINEON-IPD14N03L Datasheet
424Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP07N03L INFINEON-IPP07N03L Datasheet
166Kb / 8P
   OptiMOS Buck converter series
2002-10-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com