Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCL175PQ43 Datasheet(PDF) 5 Page - XP Power Limited

Part # RCL175PQ43
Description  175 W with 12 CFM cooling
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RCL175PQ43 Datasheet(HTML) 5 Page - XP Power Limited

  RCL175PQ43 Datasheet HTML 1Page - XP Power Limited RCL175PQ43 Datasheet HTML 2Page - XP Power Limited RCL175PQ43 Datasheet HTML 3Page - XP Power Limited RCL175PQ43 Datasheet HTML 4Page - XP Power Limited RCL175PQ43 Datasheet HTML 5Page - XP Power Limited RCL175PQ43 Datasheet HTML 6Page - XP Power Limited RCL175PQ43 Datasheet HTML 7Page - XP Power Limited RCL175PQ43 Datasheet HTML 8Page - XP Power Limited RCL175PQ43 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Remote Sense
xppower.com
5
P3
Load
P2
Pins 1-3
positive
Power Supply
Pins 4-9
negative
Pin 2 +Sense
Pin 3 -Sense
Power Fail
Pin 4 P3
Pin 3 P3
330 R
Power Supply
Pins 4-9 P2
Transistor On (<0.8 V)
Transistor Off (>4.5 V)
5 V External Supply
Remote On/Off
Power Supply
Unit
On
Pin 1 P3
Pins 4-9 P2
Unit
Off
Power Supply
Pin 1 P3
Pins 4-9 P2
Power Supply
Unit
Off
Pin 1 P3
Pins 4-9 P2
Unit
On
Power Supply
Pin 1 P3
Pins 4-9 P2
V1 only, compensates for 0.5 VDC
or 10%, whichever is lower.
Open Collector output refers to 0V
Sense. When using the Power Fail
signal, -Sense must be connected
to OP1 & 2 Return (0V).
Connect Pin 1 (P3) to 0V to disable unit.
-E Unit


Similar Part No. - RCL175PQ43

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
RCL175PQ43 XPPOWER-RCL175PQ43 Datasheet
304Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - RCL175PQ43

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC350 BEL-MBC350 Datasheet
552Kb / 6P
   350 W with Forced Air Cooling & 200 W with Convection Cooling
ABC350 BEL-ABC350_V01 Datasheet
762Kb / 7P
   350 W with Forced Air Cooling & 200 W with Convection Cooling
ABC225 BEL-ABC225_V01 Datasheet
600Kb / 7P
   225 W with Forced Air Cooling & 130 W with Convection Cooling
logo
XP Power Limited
JPS250 XPPOWER-JPS250 Datasheet
470Kb / 6P
   200 W / 300 W with Convection Cooling
logo
Bel Fuse Inc.
MBC225 BEL-MBC225 Datasheet
598Kb / 7P
   225 W with Forced Air Cooling
logo
XP Power Limited
IFC165 XPPOWER-IFC165 Datasheet
989Kb / 14P
   165 Watt Force Cooled (12 CFM)
logo
Bel Fuse Inc.
MBC201 BEL-MBC201 Datasheet
736Kb / 7P
   200 W with Forced-Air Cooling
logo
CUI INC
VF-D250-DXXA CUI-VF-D250-DXXA Datasheet
466Kb / 5P
   up to 250 W continuous power w/ 16 CFM forced air
logo
SL Power Electronics
GPM200 SLPOWER-GPM200 Datasheet
48Kb / 2P
   Maximum Continuous Output Power at 50째C With external 26 cfm Airflow = 200 W
logo
Extech Instruments Corp...
HD300 EXTECH-HD300_15 Datasheet
573Kb / 1P
   CFM/CMM Thermo-Anemometer with IR Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com