Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2005SPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRS2005SPBF
Description  High and Low Side Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2005SPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRS2005SPBF Datasheet HTML 6Page - International Rectifier IRS2005SPBF Datasheet HTML 7Page - International Rectifier IRS2005SPBF Datasheet HTML 8Page - International Rectifier IRS2005SPBF Datasheet HTML 9Page - International Rectifier IRS2005SPBF Datasheet HTML 10Page - International Rectifier IRS2005SPBF Datasheet HTML 11Page - International Rectifier IRS2005SPBF Datasheet HTML 12Page - International Rectifier IRS2005SPBF Datasheet HTML 13Page - International Rectifier IRS2005SPBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
IRS2005(S,M)PBF
10
www.irf.com
© 2015 International Rectifier
August 4, 2015
Figure 9A. Logic “0” Input Voltage vs.
Temperature
Figure 9B. Logic “0” Input Voltage vs. Supply
Voltage
Figure 10A. High Level Output Voltage vs.
Temperature
Figure 10B. High Level Output vs. Supply Voltage
Figure 11A. Low Level Output Voltage vs.
Temperature
Figure 11B. Low Level Output vs. Supply Voltage


Similar Part No. - IRS2005SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2005SPBF IRF-IRS2005SPBF Datasheet
1Mb / 19P
   High and Low Side Driver
logo
Infineon Technologies A...
IRS2005SPBF INFINEON-IRS2005SPBF Datasheet
1Mb / 19P
   High and Low Side Driver
April 23, 2020
IRS2005SPBF INFINEON-IRS2005SPBF Datasheet
1Mb / 19P
   High and Low Side Driver
April 23, 2020
More results

Similar Description - IRS2005SPBF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com