Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCL175PS48 Datasheet(PDF) 7 Page - XP Power Limited

Part # RCL175PS48
Description  175 W with 12 CFM cooling
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RCL175PS48 Datasheet(HTML) 7 Page - XP Power Limited

Back Button RCL175PS48 Datasheet HTML 3Page - XP Power Limited RCL175PS48 Datasheet HTML 4Page - XP Power Limited RCL175PS48 Datasheet HTML 5Page - XP Power Limited RCL175PS48 Datasheet HTML 6Page - XP Power Limited RCL175PS48 Datasheet HTML 7Page - XP Power Limited RCL175PS48 Datasheet HTML 8Page - XP Power Limited RCL175PS48 Datasheet HTML 9Page - XP Power Limited RCL175PS48 Datasheet HTML 10Page - XP Power Limited RCL175PS48 Datasheet HTML 11Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
xppower.com
7
Efficiency Against Input Voltage
78%
79%
80%
81%
82%
83%
84%
85%
86%
0
50
100
150
200
250
300
input voltage
RCL175PS12 175 W Load
0
50
100
150
200
250
300
input voltage
77%
78%
79%
80%
81%
82%
83%
RCL175PQ42 175 W Load
Efficiency Against Output Load
output load (W)
0
20
40
60
80
100
120
140
160
180
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
RCL175PS12 @ 230 VAC Input
output load (W)
0
20
40
60
80
100
120
140
160
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
RCL175PQ43 @ 230 VAC Input


Similar Part No. - RCL175PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
RCL175PS48 XPPOWER-RCL175PS48 Datasheet
304Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - RCL175PS48

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC350 BEL-MBC350 Datasheet
552Kb / 6P
   350 W with Forced Air Cooling & 200 W with Convection Cooling
ABC350 BEL-ABC350_V01 Datasheet
762Kb / 7P
   350 W with Forced Air Cooling & 200 W with Convection Cooling
ABC225 BEL-ABC225_V01 Datasheet
600Kb / 7P
   225 W with Forced Air Cooling & 130 W with Convection Cooling
logo
XP Power Limited
JPS250 XPPOWER-JPS250 Datasheet
470Kb / 6P
   200 W / 300 W with Convection Cooling
logo
Bel Fuse Inc.
MBC225 BEL-MBC225 Datasheet
598Kb / 7P
   225 W with Forced Air Cooling
logo
XP Power Limited
IFC165 XPPOWER-IFC165 Datasheet
989Kb / 14P
   165 Watt Force Cooled (12 CFM)
logo
Bel Fuse Inc.
MBC201 BEL-MBC201 Datasheet
736Kb / 7P
   200 W with Forced-Air Cooling
logo
CUI INC
VF-D250-DXXA CUI-VF-D250-DXXA Datasheet
466Kb / 5P
   up to 250 W continuous power w/ 16 CFM forced air
logo
SL Power Electronics
GPM200 SLPOWER-GPM200 Datasheet
48Kb / 2P
   Maximum Continuous Output Power at 50째C With external 26 cfm Airflow = 200 W
logo
Extech Instruments Corp...
HD300 EXTECH-HD300_15 Datasheet
573Kb / 1P
   CFM/CMM Thermo-Anemometer with IR Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com