Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCL175 Datasheet(PDF) 4 Page - XP Power Limited

Part # RCL175
Description  175 W with 12 CFM cooling
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RCL175 Datasheet(HTML) 4 Page - XP Power Limited

  RCL175 Datasheet HTML 1Page - XP Power Limited RCL175 Datasheet HTML 2Page - XP Power Limited RCL175 Datasheet HTML 3Page - XP Power Limited RCL175 Datasheet HTML 4Page - XP Power Limited RCL175 Datasheet HTML 5Page - XP Power Limited RCL175 Datasheet HTML 6Page - XP Power Limited RCL175 Datasheet HTML 7Page - XP Power Limited RCL175 Datasheet HTML 8Page - XP Power Limited RCL175 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
xppower.com
4
Models and Ratings
Notes:
1. Peak rating can be taken for 5 seconds in every minute.
2. There is a user-accessible fan supply rated at 12 V at 350 mA (not available on fan-cooled units).
3. For operation at 85 VAC output power is derated to 95%.
4. OP1 10 A max convection-cooled.
5. 20 A max from output 1 and 2 combined convection-cooled.
6. A minimum load of 100 mA is required on output 2, 3 and 4 to maintain the regulation figures.
7. 12 CFM airflow required for maximum power.
8. Outputs 3 & 4 are floating. They can be connected externally for positive or negative output.
Thermal Derating Curve
-10
0
10
20
30
40
50
60
70
20
40
60
80
100
0
Ambient Temp (˚C)
Options
• For the U-channel version, add suffix ‘-U’ to the model number.
• For the U-channel version with cover kit, add suffix ‘-C’ to the model number.
• For the U-channel version with fan cover kit, add suffix ‘-F’ to the model number.
• For screw terminals (output connector P2 only), contact sales.
• For versions with remote enable, contact sales.
• For foldback current limit on single output models, contact sales.
• For constant current limit (output 1 & 2) on multi output models, contact sales.
Total Power
Output 1
Output 2
(6)
Output 3
(6,8)
Output 4
(6,8)
Model
Number
Max
(7)
Peak
Conv.
(4,5)
V
Min
Max
Peak
(1)
V
Min
Max
Peak
(1)
V
Min
Max
V
Min
Max
175 W
204 W
120 W 12.0 V
0.0 A
14.5 A 17.0 A
RCL175PS12
175 W
195 W
120 W 15.0 V
0.0 A
11.6 A 13.0 A
RCL175PS15
175 W
200 W
120 W 24.0 V
0.0 A
7.2 A
8.3 A
RCL175PS24
175 W
200 W
120 W 28.0 V
0.0 A
6.2 A
7.1 A
RCL175PS28
175 W
202 W
120 W 48.0 V
0.0 A
3.6 A
4.2 A
RCL175PS48
175 W
200 W
110 W
5.0 V
1.5 A
15.0 A
-
12.0 V
0.1 A
6.3 A
8.4 A
F 12 V
0.1 A
2.0 A
RCL175PT31
(4,6)
175 W
200 W
110 W
5.0 V
1.5 A
15.0 A
-
15.0 V
0.1 A
4.6 A
6.6 A
F 15 V
0.1 A
2.0 A
RCL175PT32
(4,6)
175 W
200 W
90 W
5.0 V
1.5 A
15.0 A
-
3.3 V
0.1 A
15.0 A
-
F 15 V
0.1 A
2.0 A
F 15 V
0.0 A
2.0 A
RCL175PQ43
(5,6)
175 W
200 W
90 W
5.0 V
1.5 A
15.0 A
-
12.0 V
0.1 A
5.5 A
7.6 A
F 5 V
0.1 A
2.0 A
F 12 V
0.0 A
2.0 A
RCL175PQ44
(6)
175 W
200 W
90 W
5.0 V
1.5 A
15.0 A
-
15.0 V
0.1 A
4.0 A
6.0 A
F 5 V
0.1 A
2.0 A
F 15 V
0.0 A
2.0 A
RCL175PQ45
(4,6)
175 W
200 W
90 W
5.0 V
1.5 A
15.0 A
-
24.0 V
0.1 A
3.2 A
5.0 A
F 12 V
0.1 A
2.0 A
F 12 V
0.0 A
2.0 A
RCL175PQ46
(4,6)
175 W
200 W
90 W
5.0 V
1.5 A
15.0 A
-
24.0 V
0.1 A
3.0 A
5.0 A
F 15 V
0.1 A
2.0 A
F 15 V
0.0 A
2.0 A
RCL175PQ47
(4,6)


Similar Part No. - RCL175

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
RCL175PD22 XPPOWER-RCL175PD22 Datasheet
304Kb / 4P
   AC-DC Power Supplies
RCL175PQ43 XPPOWER-RCL175PQ43 Datasheet
304Kb / 4P
   AC-DC Power Supplies
RCL175PQ44 XPPOWER-RCL175PQ44 Datasheet
304Kb / 4P
   AC-DC Power Supplies
RCL175PQ45 XPPOWER-RCL175PQ45 Datasheet
304Kb / 4P
   AC-DC Power Supplies
RCL175PQ46 XPPOWER-RCL175PQ46 Datasheet
304Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - RCL175

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC350 BEL-MBC350 Datasheet
552Kb / 6P
   350 W with Forced Air Cooling & 200 W with Convection Cooling
ABC350 BEL-ABC350_V01 Datasheet
762Kb / 7P
   350 W with Forced Air Cooling & 200 W with Convection Cooling
ABC225 BEL-ABC225_V01 Datasheet
600Kb / 7P
   225 W with Forced Air Cooling & 130 W with Convection Cooling
logo
XP Power Limited
JPS250 XPPOWER-JPS250 Datasheet
470Kb / 6P
   200 W / 300 W with Convection Cooling
logo
Bel Fuse Inc.
MBC225 BEL-MBC225 Datasheet
598Kb / 7P
   225 W with Forced Air Cooling
logo
XP Power Limited
IFC165 XPPOWER-IFC165 Datasheet
989Kb / 14P
   165 Watt Force Cooled (12 CFM)
logo
Bel Fuse Inc.
MBC201 BEL-MBC201 Datasheet
736Kb / 7P
   200 W with Forced-Air Cooling
logo
CUI INC
VF-D250-DXXA CUI-VF-D250-DXXA Datasheet
466Kb / 5P
   up to 250 W continuous power w/ 16 CFM forced air
logo
SL Power Electronics
GPM200 SLPOWER-GPM200 Datasheet
48Kb / 2P
   Maximum Continuous Output Power at 50째C With external 26 cfm Airflow = 200 W
logo
Extech Instruments Corp...
HD300 EXTECH-HD300_15 Datasheet
573Kb / 1P
   CFM/CMM Thermo-Anemometer with IR Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com