Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR4301MTRPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR4301MTRPBF
Description  High peak music power output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4301MTRPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR4301MTRPBF Datasheet HTML 5Page - International Rectifier IR4301MTRPBF Datasheet HTML 6Page - International Rectifier IR4301MTRPBF Datasheet HTML 7Page - International Rectifier IR4301MTRPBF Datasheet HTML 8Page - International Rectifier IR4301MTRPBF Datasheet HTML 9Page - International Rectifier IR4301MTRPBF Datasheet HTML 10Page - International Rectifier IR4301MTRPBF Datasheet HTML 11Page - International Rectifier IR4301MTRPBF Datasheet HTML 12Page - International Rectifier IR4301MTRPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
IR43x1
9 www.irf.com
© 2013 International Rectifier
Electrical Characteristics
(cont’d)
VCC,VBS= 12 V, VSS=VS=VN=COM=0V, VAA=9.6V and TA=25C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Audio Input
(VGND=0, VAA=4.8V, VSS=-4.8V)
VOS
Input offset voltage
-18
0
18
mV
IBIN
Input bias current
-
-
40
nA
GBW
Small signal bandwidth
-
9
-
MHz
CCOMP=1nF,
Rf=0
gm
OTA transconductance
-
10
-
mS
VIN+=0V, VIN-
=10mV
GV
OTA gain
50
-
-
dB
PWM
VthPWM
PWM comparator threshold in
COMP
-
(VAA -VSS)/2
-
V
fOTA
COMP pin star-up local
oscillation frequency
0.7
1.0
1.5
MHz
VCSD =GND
Ton
COMP to VS rising edge
propagation delay
-
370
-
ns
Toff
COMP to VS trailing edge
propagation delay
-
320
-
ns
DT
Deadtime: Low-side turn-off to
High-side turn-on (DTLO-HO) &
High-side turn-off to Low-side
turn-on (DTHO-LO)
-
50
-
ns
VP=30V,
VN=-30V
Power MOSFET (FET1, FET2) (IR4301)
V(BR)DSS
Drain-to-Source breakdown
voltage
80
-
-
V
VGS=0V,
ID=250uA
RDS(ON)
FET on resistance
-
39
50
VGS=10V, ID=3.3A
Qg
Total gate charge
-
7.3
-
nC
ILK0
VP leakage current, VS=VN
-
-
20
µA
VP=80V, VCSD
=VSS
ILK1
VP leakage current, VS=VP
-
-
50
µA
Power MOSFET (FET1, FET2) (IR4321)
V(BR)DSS
Drain-to-Source breakdown
voltage
60
-
-
V
VGS=0V,
ID=250uA
RDS(ON)
FET on resistance
-
30
40
VGS=10V, ID=3.3A
Qg
Total gate charge
-
8.3
-
nC
ILK0
VP leakage current, VS=VN
-
-
20
µA
VP=60V, VCSD
=VSS
ILK1
VP leakage current, VS=VP
-
-
50
µA
Power MOSFET (FET1, FET2) (IR4311)
V(BR)DSS
Drain-to-Source breakdown
voltage
40
-
-
V
VGS=0V,
ID=250uA
RDS(ON)
FET on resistance
-
44
56
VGS=10V, ID=3.6A
Qg
Total gate charge
-
4.5
-
nC
ILK0
VP leakage current, VS=VN
-
-
20
µA
VP=40V, VCSD
=VSS
ILK1
VP leakage current, VS=VP
-
-
50
µA
April 22, 2013


Similar Part No. - IR4301MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR4301MTRPBF IRF-IR4301MTRPBF Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
More results

Similar Description - IR4301MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR4301 IRF-IR4301_15 Datasheet
1Mb / 15P
   High peak music power output
logo
Unisonic Technologies
2N6116L-T92-B UTC-2N6116L-T92-B Datasheet
134Kb / 3P
   High peak output voltage
logo
Mean Well Enterprises C...
LRS-100N2 MEANWELL-LRS-100N2 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Ohmite Mfg. Co.
RES-OX-OY OHMITE-RES-OX-OY Datasheet
529Kb / 2P
   High peak power
logo
M.S. Kennedy Corporatio...
MSK2541 MSK-MSK2541_15 Datasheet
191Kb / 7P
   High Output Current - 10 Amps Peak
MSK0021FP MSK-MSK0021FP_15 Datasheet
185Kb / 8P
   High Output Current - 2 Amps Peak
MSK541 MSK-MSK541_15 Datasheet
246Kb / 8P
   High Output Current - 10 Amps Peak
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
   1.2A Peak Output Current
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com