Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPI14N03LA Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPI14N03LA
Description  OptiMOS 2 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI14N03LA Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPI14N03LA Datasheet HTML 1Page - Infineon Technologies AG IPI14N03LA Datasheet HTML 2Page - Infineon Technologies AG IPI14N03LA Datasheet HTML 3Page - Infineon Technologies AG IPI14N03LA Datasheet HTML 4Page - Infineon Technologies AG IPI14N03LA Datasheet HTML 5Page - Infineon Technologies AG IPI14N03LA Datasheet HTML 6Page - Infineon Technologies AG IPI14N03LA Datasheet HTML 7Page - Infineon Technologies AG IPI14N03LA Datasheet HTML 8Page - Infineon Technologies AG IPI14N03LA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IPB14N03LA
IPI14N03LA, IPP14N03LA
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
849
1129
pF
Output capacitance
C oss
-
364
484
Reverse transfer capacitance
Crss
-58
87
Turn-on delay time
t d(on)
-
7
10
ns
Rise time
t r
-27
41
Turn-off delay time
t d(off)
-18
27
Fall time
t f
-
3.4
5
Gate Charge Characteristics
5)
Gate to source charge
Q gs
-
2.9
3.9
nC
Gate charge at threshold
Q g(th)
-
1.4
1.8
Gate to drain charge
Q gd
-
2.2
3.2
Switching charge
Q sw
-
3.7
5.3
Gate charge total
Q g
-
7.0
9.3
Gate plateau voltage
V plateau
-
3.4
-
V
Gate charge total, sync. FET
Q g(sync)
V DS=0.1 V,
V GS=0 to 5 V
-
6.0
7.9
nC
Output charge
Q oss
V DD=15 V, V GS=0 V
-8
10
Reverse Diode
Diode continous forward current
I S
-
-
30
A
Diode pulse current
I S,pulse
-
-
210
Diode forward voltage
V SD
V GS=0 V, I F=30 A,
T j=25 °C
-
0.97
1.2
V
Reverse recovery charge
Q rr
V R=15 V, I F=I S,
di F/dt =400 A/µs
-
-
10
nC
5) See figure 16 for gate charge parameter definition
T C=25 °C
Values
V GS=0 V, V DS=15 V,
f =1 MHz
V DD=15 V, V GS=10 V,
I D=20 A, R G=2.7 Ω
V DD=15 V, I D=15 A,
V GS=0 to 5 V
Rev. 1.3
page 3
2003-12-18


Similar Part No. - IPI14N03LA

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPI147N12N3 ISC-IPI147N12N3 Datasheet
314Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPI147N12N3-G INFINEON-IPI147N12N3-G Datasheet
365Kb / 11P
   OptiMOS?? Power-Transistor
Rev. 2.6 2010-01-22
IPI147N12N3G INFINEON-IPI147N12N3G Datasheet
365Kb / 11P
   OptiMOS?? Power-Transistor
Rev. 2.6 2010-01-22
More results

Similar Description - IPI14N03LA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB05N03LA INFINEON-IPB05N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPD04N03LA INFINEON-IPD04N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2004-02-04
IPF06N03LA INFINEON-IPF06N03LA Datasheet
223Kb / 9P
   OptiMOS 2 Power-Transistor
2003-12-19
IPD03N03LB INFINEON-IPD03N03LB Datasheet
304Kb / 9P
   OptiMOS 2 Power-Transistor
Rev. 1.11 2004-12-16
IPSH4N03LA INFINEON-IPSH4N03LA Datasheet
305Kb / 9P
   OPTIMOS 2 POWER - TRANSISTOR
Rev. 0.92 2004-10-27
IPB09N03LA INFINEON-IPB09N03LA Datasheet
347Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPI03N03LA INFINEON-IPI03N03LA Datasheet
317Kb / 10P
   OptiMOS 2 Power-Transistor
Rev. 1.4 2004-02-05
IPI04N03LA INFINEON-IPI04N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
Rev. 1.3 2003-12-18
IPI05N03LA INFINEON-IPI05N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2004-03-23
IPS09N03LA INFINEON-IPS09N03LA Datasheet
434Kb / 11P
   OptiMOS 2 Power-Transistor
2004-05-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com